Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8904EJPR Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8904EJPR
Description  18VPP OUTPUT PIEZO SOUNDER DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8904EJPR Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8904EJPR Datasheet HTML 1Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 2Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 3Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 4Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 5Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 6Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 7Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 8Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PAM8904E
Document number: DS41667 Rev. 2 - 2
1 of 10
www.diodes.com
February 2022
© Diodes Incorporated
PAM8904E
18VPP OUTPUT PIEZO SOUNDER DRIVER
Description
The PAM8904E is a piezo sounder driver with integrated charge
pump boost converter. The PAM8904E is capable of driving a
ceramic/piezo sounder with 27VPP from a 4.5V power supply. The
charge pump can operate in either 1x, 2x or 3x mode.
The boost converter operates at a fixed frequency of 100kHz and
provides a 3X VIN output with a minimum number of external
components. The PAM8904E can drive up to 47nF loading. Diodes
Incorporated’s unique drive technology provides a small inrush
current, low EMI and high efficiency.
The PAM8904E includes built-in automatic shutdown and wake up
that guarantees longer battery life. The PAM8904E features thermal
shutdown, over current protection, over voltage protection and under
voltage lock-out.
The PAM8904E is available in U-QFN3030-16 (Type B), U-QFN3030-
12 (Type A) and W-QFN2020-12 (Type US) packages.
Features
Supply Voltage Range from 1.5V to 5.5V
18VPP Output from a 3V Supply
Integrated Boost Converter Generates up to 13.5V Supply
Input Signal 20Hz to 300kHz
No Voltage Cross Output in Shutdown Mode
Low Current Consumption
Automatic Standby and Wake-up Control
Available in Space Saving Packages U-QFN3030-16 (Type B),
U-QFN3030-12 (Type A) and W-QFN2020-12 (Type US)
Packages
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
U-QFN3030-16 (Type B)
Top View
U-QFN3030-12 (Type A)/W-QFN2020-12 (Type US)
Top View
Applications
Health care systems
Alarm clocks
Security devices
Home appliances
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Gr
een” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Pin 1
NC VIN CP2 VOUT
CN1 GND VO2 NC
EN1
NC
Pin 1
VIN
CP2
VOUT
CN1
GND
VO2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
2
3
4
5
6
7
8
9
10
11
12
CP1
CN2
VO1
EN2
DIN
NC
EN1
EN2
DIN
CN1 GND VO2
VIN CP2 VOUT
CP1
CN2
VO1


Similar Part No. - PAM8904EJPR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8904 DIODES-PAM8904 Datasheet
259Kb / 6P
18VPP OUTPUT PEIZO SOUNDER DRIVER
Rev 1
PAM8904 DIODES-PAM8904 Datasheet
352Kb / 9P
18VPP OUTPUT PIEZO SOUNDER DRIVER
Rev 2
PAM8904JER DIODES-PAM8904JER Datasheet
259Kb / 6P
18VPP OUTPUT PEIZO SOUNDER DRIVER
Rev 1
PAM8904JER DIODES-PAM8904JER Datasheet
352Kb / 9P
18VPP OUTPUT PIEZO SOUNDER DRIVER
Rev 2
PAM8904JPR DIODES-PAM8904JPR Datasheet
352Kb / 9P
18VPP OUTPUT PIEZO SOUNDER DRIVER
Rev 2
More results

Similar Description - PAM8904EJPR

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM412 ELM-ELM412 Datasheet
27Kb / 4P
Piezo Element Driver
logo
Sanyo Semicon Device
LV8094CT SANYO-LV8094CT Datasheet
586Kb / 15P
Piezo Actuator Driver IC
LV8491CT SANYO-LV8491CT Datasheet
422Kb / 20P
Piezo Actuator Driver IC
logo
ON Semiconductor
LV8094CT ONSEMI-LV8094CT Datasheet
383Kb / 15P
Piezo Actuator Driver IC
June, 2013
logo
Diodes Incorporated
PAM8904 DIODES-PAM8904 Datasheet
259Kb / 6P
18VPP OUTPUT PEIZO SOUNDER DRIVER
Rev 1
PAM8904Q DIODES-PAM8904Q Datasheet
558Kb / 11P
AUTOMOTIVE 18VPP OUTPUT PEIZO SOUNDER DRIVER
Rev 1
logo
Gamewell-FCI by Honeywe...
B200SR GAMEWELL-FCI-B200SR Datasheet
48Kb / 1P
Sensor Sounder Base
logo
Diodes Incorporated
PAM8904 DIODES-PAM8904_17 Datasheet
352Kb / 9P
18VPP OUTPUT PIEZO SOUNDER DRIVER
Rev 2
PAM8907 DIODES-PAM8907 Datasheet
695Kb / 10P
31VPP OUTPUT PIEZO SOUNDER DRIVER WITH BOOST CONVERTER
May 2021
PAM8906 DIODES-PAM8906 Datasheet
718Kb / 11P
36VPP OUTPUT PIEZO SOUNDER DRIVER WITH SELF-EXCITATION MODE
December 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com