Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8904EJPR Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8904EJPR
Description  18VPP OUTPUT PIEZO SOUNDER DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8904EJPR Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8904EJPR Datasheet HTML 1Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 2Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 3Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 4Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 5Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 6Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 7Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 8Page - Diodes Incorporated PAM8904EJPR Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PAM8904E
Document number: DS41667 Rev. 2 - 2
3 of 10
www.diodes.com
February 2022
© Diodes Incorporated
PAM8904E
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Characteristics
Value
Unit
VIN
Supply Voltage
-0.3 to 6.0
V
VOUT
Output Voltage
15
V
VEN1, VEN2
EN1, EN2 Voltage
GND -0.3 to VIN +0.3
V
TA
Operating Free-Air Temperature Range
-40 to +85
°C
TJ
Operating Junction Temperature Range
-40 to +150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Characteristics
Min
Max
Unit
VIN
Supply Voltage
—
1.5
5.5
V
VIH
High-Level Input Voltage
EN1, EN2
1.2 to VIN +0.3
V
VIL
Low-Level Input Voltage
EN1, EN2
-0.3
0.4
V
TA
Operating Free-Air Temperature
-40
+85
°C
Thermal Information
Symbol
Parameter
Package
Max
Unit
JA
Thermal Resistance (Junction to Ambient)
U-QFN3030-16 (Type B)
35
°C/W
U-QFN3030-12 (Type A)
35
W-QFN2020-12 (Type US)
68
JC
Thermal Resistance (Junction to Case)
U-QFN3030-16 (Type B)
14
°C/W
U-QFN3030-12 (Type A)
14
W-QFN2020-12 (Type US)
25



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com