Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X760ACLEX Datasheet(PDF) 16 Page - Diodes Incorporated

Part # PI7C9X760ACLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 12Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 13Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 14Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 15Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 16Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 17Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 18Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 19Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 20Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
16
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
Table 5. Baud rates using a 1.8432 MHz crystal
Desired baud rate (bit/s)
Divisor used to generate
16x clock
Sample rate
Percent error difference
between desired and actual
50
2304
16
0
75
1536
16
0
110
1047
16
0.026
134.5
857
16
0.058
150
768
16
0
300
384
16
0
600
192
16
0
1200
96
16
0
1800
64
16
0
2000
46
20
0.617
2400
48
16
0
3600
32
16
0
4800
24
16
0
7200
16
16
0
9600
12
16
0
19200
6
16
0
38400
3
16
0
56000
2
16
2.86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com