Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI7C9X760ACLEX Datasheet(PDF) 28 Page - Diodes Incorporated

Part # PI7C9X760ACLEX
Description  I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI7C9X760ACLEX Datasheet(HTML) 28 Page - Diodes Incorporated

Back Button PI7C9X760ACLEX Datasheet HTML 24Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 25Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 26Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 27Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 28Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 29Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 30Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 31Page - Diodes Incorporated PI7C9X760ACLEX Datasheet HTML 32Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
28
www.diodes.com
April 2019
Diodes Incorporated
PI7C9X760
Document Number DS40305 Rev 6-2
A product Line of
Diodes Incorporated
PI7C9X760
0
WO
FIFO enable
0 = Disable the transmit and receive FIFO, and TX/RX can only hold one character at a time. Other
FCR bits are not programmable, and the trigger level is set to one character.
1 = enable the transmit and receive FIFO, and TX/RX FIFO can hold 64 characters.
Note: FCR[5:4] can only be modified and enabled if EFR[4]=1.
Offset 02H: Enhanced Feature Register (EFR). Accessible when LCR=0xBF and SFR[2]=0. Default=00
Bit
Type
Description
7
RW
Auto CTS Flow Control Enable
0 = Automatic CTS flow control is disabled.
1 = Automatic CTS flow control is enabled.
6
RW
Auto RTS Flow Control Enable
0 = Automatic RTS flow control is disabled.
1 = Automatic RTS flow control is enabled.
5
RW
Special character detect
0 = Special character detect is disabled.
1 = Special character detect is enabled. If received data match Xoff2 data, the received data is trans-
ferred to RX FIFO and IIR[4] is set to high to indicate a special character detection.
However,if flow control is set for comparing Xoff2, then flow control works normally and Xoff2 will
not go to the FIFO and will generate an Xoff interrupt and a special character interrupt.
4
RW
Enhanced Function Bits Enable
This bit enables IER[7:4],IIR[5:4],FCR[5:4],MCR[7:5],TCR and TLP to be modified, and enables the
sleep mode.
[3:0]
RW
Software Flow Control Select:
00xx = No TX flow control
10xx = Transmit Xon1,Xoff1
01xx = Transmit Xon2,Xoff2
11xx = Transmit Xon1 and Xon2,Xoff1 and Xoff2
xx00 = No RX flow control
xx10 = Receiver compares Xon1,Xoff1
xx01 = Receiver compares Xon2,Xoff2
1011 = Transmit Xon1,Xoff1;
Receiver compares Xon1 or Xon2,Xoff1 or Xoff2
0111 = Transmit Xon2,Xoff2;
Receiver compares Xon1 or Xon2,Xoff1 or Xoff2
1111 = Transmit Xon1 and Xon2,Xoff1 and Xoff2;
Receiver compares Xon1 and Xon2,Xoff1 and Xoff2
0011 = No transmit flow control;
Receiver compares Xon1 and Xon2,Xoff1 and Xoff2
Offset 03H: Line Control Register (LCR). Default=1D
Bit
Type
Description
7
RW
Divisor latch enabled when set
Configuration Registers cont..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com