Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS480 Datasheet(PDF) 13 Page - CT Micro International Corporation

Part # CTS480
Description  High CMR Intelligent Power Module and Gate Drive Interface Optocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTS480 Datasheet(HTML) 13 Page - CT Micro International Corporation

Back Button CTS480 Datasheet HTML 7Page - CT Micro International Corporation CTS480 Datasheet HTML 8Page - CT Micro International Corporation CTS480 Datasheet HTML 9Page - CT Micro International Corporation CTS480 Datasheet HTML 10Page - CT Micro International Corporation CTS480 Datasheet HTML 11Page - CT Micro International Corporation CTS480 Datasheet HTML 12Page - CT Micro International Corporation CTS480 Datasheet HTML 13Page - CT Micro International Corporation CTS480 Datasheet HTML 14Page - CT Micro International Corporation CTS480 Datasheet HTML 15Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.ct-micro.com
© 2022 CT MICRO INTERNATIONAL CORPORATION
Rev.3
ALL RIGHTS RESERVED.
Page 13
Nov, 2022
CTS480
High CMR Intelligent Power Module and Gate Drive
Interface Optocoupler
Solderability spec (Follow the JEDEC standard JESD22-B102)
Reflow Soldering: Immersed surface, other than the end of pin as cut-surface, must be covered by
solder.
Solder-Bath: More than 95% of the electrode must be covered with solder.
Wave soldering (Follow the JEDEC standard JESD22-A111)
One time soldering is recommended within the condition of temperature.
Temperature: 260+0/-
5˚C.
Time: 10 sec.
Preheat temperature:
25 to 140˚C.
Preheat time: 30 to 80 sec.
Iron soldering (Follow the standard MIL-STD 202G, Method 210F)
Allow single lead soldering in every single process.
One time soldering is recommended. Temperature: 350±10˚C
Time: 5 sec max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com