Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGBC322819-PDRC2 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # RGBC322819-PDRC2
Description  Multi-Wavelength SMD Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

RGBC322819-PDRC2 Datasheet(HTML) 3 Page - CT Micro International Corporation

  RGBC322819-PDRC2 Datasheet HTML 1Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 2Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 3Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 4Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 5Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 6Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 7Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 8Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CT Micro
Rev1
Proprietary & Confidential
Page 3
Sep, 2020
RGBC322819-PDRC2
Multi-Wavelength SMD Type
Optical Characteristics (Green)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
Iv
Luminous Intensity
IF=2mA
300
-
500
mcd
λd
Dominant Wavelength
IF=2mA
525
-
535
nm
θ1/2
Angle of Half Intensity
IF=2mA
-
60
-
deg
Electrical Characteristics (Green)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward Voltage
IF=2mA
2.4
-
2.9
V
IR
Reverse Current
VR=5V
-
-
1
μA
Optical Characteristics (Blue)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
Iv
Luminous Intensity
IF=2mA
60
-
100
mcd
λd
Dominant Wavelength
IF=2mA
460
-
470
nm
θ1/2
Angle of Half Intensity
IF=2mA
-
60
-
deg
Electrical Characteristics (Blue)
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward Voltage
IF=2mA
2.5
-
3.0
V
IR
Reverse Current
VR=5V
-
-
1
μA
Notes:
IFP Conditions--Pulse Width≦
100μs and Duty≦ 10%.
Soldering time≦ 10 seconds.
Tolerance of Luminous Intensity ±10%.
Tolerance of Dominant Wavelength: ±1nm.
Tolerance of Forward Voltage: ±0.1V.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com