Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGBC322819-PDRC2 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # RGBC322819-PDRC2
Description  Multi-Wavelength SMD Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

RGBC322819-PDRC2 Datasheet(HTML) 1 Page - CT Micro International Corporation

  RGBC322819-PDRC2 Datasheet HTML 1Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 2Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 3Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 4Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 5Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 6Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 7Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 8Page - CT Micro International Corporation RGBC322819-PDRC2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CT Micro
Rev1
Proprietary & Confidential
Page 1
Sep, 2020
RGBC322819-PDRC2
Multi-Wavelength SMD Type
Package Outline
Schematic
Features
Reverse mount 3228 package
Wide viewing angle
RGB individual control
High reliability
RoHS compliance
Applications
General lighting
Indoor signage display applications
Switch light
Decorative and Entertainment lighting
Description
The RGBC322819-PDRC2 is a high brightness
device designed for demanding applications in
efficiency and reduced space. An ideal device in
emphasizing visual effects, advertisement,
decoration as well as general backlighting needs.
R-
Common
Anode
G-
B-


Similar Part No. - RGBC322819-PDRC2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RGBC40M IRF-RGBC40M Datasheet
82Kb / 2P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=24A)
More results

Similar Description - RGBC322819-PDRC2

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
BGRP160803-PCTC3 CTMICRO-BGRP160803-PCTC3 Datasheet
1Mb / 11P
Multi-Wavelength SMD Type
Rev 2 Jan, 2021
BGRP321015-PCSC2 CTMICRO-BGRP321015-PCSC2 Datasheet
985Kb / 11P
Multi-Wavelength SMD Type
Rev3 Jan, 2021
BYRP161504-PBTC2 CTMICRO-BYRP161504-PBTC2 Datasheet
1Mb / 11P
Multi-Wavelength SMD Type
Rev2 Jan, 2021
GBRP161504-PCTC2 CTMICRO-GBRP161504-PCTC2 Datasheet
1Mb / 11P
Multi-Wavelength SMD Type
Rev2 Jan, 2021
RGBP080806-PCTC7 CTMICRO-RGBP080806-PCTC7 Datasheet
1Mb / 11P
Multi-Wavelength SMD Type
Rev 2 Jan, 2021
RGBP101006-PCTC7 CTMICRO-RGBP101006-PCTC7 Datasheet
1Mb / 11P
Multi-Wavelength SMD Type
Rev2 Jan, 2021
RGWP161504-PCTC2 CTMICRO-RGWP161504-PCTC2 Datasheet
1Mb / 12P
Multi-Wavelength SMD Type
Rev2 Jan, 2021
BRGC545016-ATC1 CTMICRO-BRGC545016-ATC1 Datasheet
1Mb / 10P
Multi-Wavelength SMD Type
Rev 5 May, 2022
GRBC212110-PCTC6 CTMICRO-GRBC212110-PCTC6 Datasheet
1Mb / 10P
Multi-Wavelength SMD Type
Rev1 Sep, 2020
RGBP161506-PCTC2 CTMICRO-RGBP161506-PCTC2 Datasheet
1Mb / 11P
Multi-Wavelength SMD Type
Apr, 2021 Rev3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com