Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950211 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS950211
Description  Programmable Timing Control Hub for P4
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950211 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS950211 Datasheet HTML 1Page - Integrated Circuit Systems ICS950211 Datasheet HTML 2Page - Integrated Circuit Systems ICS950211 Datasheet HTML 3Page - Integrated Circuit Systems ICS950211 Datasheet HTML 4Page - Integrated Circuit Systems ICS950211 Datasheet HTML 5Page - Integrated Circuit Systems ICS950211 Datasheet HTML 6Page - Integrated Circuit Systems ICS950211 Datasheet HTML 7Page - Integrated Circuit Systems ICS950211 Datasheet HTML 8Page - Integrated Circuit Systems ICS950211 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
Integrated
Circuit
Systems, Inc.
ICS950211
0465E—05/17/05
Byte 0: Functionality and frequency select register (Default=0)
Notes:
1. Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit 3.
2. For 950211BF version, this frequency is 166.66MHz.
t
i
Bn
o
i
t
p
i
r
c
s
e
DD
W
P
t
i
B
)
4
:
7
,
2
(
2
t
i
B7
t
i
B6
t
i
B5
t
i
B4
t
i
B
K
L
C
U
P
C
z
H
M
6
6
V
3
z
H
M
K
L
C
I
C
P
z
H
M
%
d
a
e
r
p
S
1
e
t
o
N
4
S
F3
S
F2
S
F1
S
F0
S
F
000
0
0
6
6
.
6
6
2
6
6
.
6
63
3
.
3
3d
a
e
r
p
s
n
w
o
d
%
5
.
0
-
o
t
0
000
0
1
0
0
.
0
0
16
6
.
6
63
3
.
3
3d
a
e
r
p
s
n
w
o
d
%
5
.
0
-
o
t
0
000
1
0
0
0
.
0
0
26
6
.
6
63
3
.
3
3d
a
e
r
p
s
n
w
o
d
%
5
.
0
-
o
t
0
000
1
1
3
3
.
3
3
16
6
.
6
63
3
.
3
3d
a
e
r
p
s
n
w
o
d
%
5
.
0
-
o
t
0
00
1
0
0
0
9
.
0
0
17
2
.
7
63
6
.
3
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
00
1
0
1
0
0
.
5
0
10
0
.
0
70
0
.
5
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
00
1
1
0
0
0
.
9
0
17
6
.
2
73
3
.
6
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
00
1
1
1
0
0
.
4
1
10
0
.
6
70
0
.
8
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
01
0
0
0
0
0
.
7
1
10
0
.
8
70
0
.
9
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
01
0
0
1
0
0
.
7
2
16
8
.
2
73
4
.
6
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
01
0
1
0
0
0
.
0
3
19
2
.
4
74
1
.
7
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
01
0
1
1
0
5
.
2
3
11
7
.
5
79
8
.
7
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
01
1
0
0
0
0
.
5
0
20
0
.
0
70
0
.
5
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
01
1
0
1
0
0
.
0
7
17
6
.
6
53
3
.
8
2d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
01
1
1
0
0
0
.
0
8
10
0
.
0
60
0
.
0
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
01
1
1
1
0
0
.
0
9
13
3
.
3
67
6
.
1
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
10
0
0
0
0
9
.
3
3
15
9
.
6
68
4
.
3
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
10
0
0
1
3
3
.
3
3
17
6
.
6
63
3
.
3
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
10
0
1
0
0
0
.
0
2
10
0
.
0
60
0
.
0
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
10
0
1
1
0
0
.
5
2
10
5
.
2
65
2
.
1
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
10
1
0
0
0
9
.
4
3
15
4
.
7
63
7
.
3
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
10
1
0
1
0
0
.
7
3
10
5
.
8
65
2
.
4
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
10
1
1
0
0
0
.
9
3
10
5
.
9
65
7
.
4
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
10
1
1
1
0
0
.
1
4
10
5
.
0
75
2
.
5
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
11
0
0
0
0
0
.
3
4
10
5
.
1
75
7
.
5
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
11
0
0
1
0
0
.
5
4
10
5
.
2
75
2
.
6
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
11
0
1
0
0
0
.
0
5
10
0
.
5
70
5
.
7
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
11
0
1
1
0
0
.
5
5
10
5
.
7
75
7
.
8
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
111
0
0
0
0
.
0
6
10
0
.
0
80
0
.
0
4d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
111
0
1
0
0
.
0
5
19
2
.
4
64
1
.
2
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
111
1
0
0
0
.
0
6
17
5
.
8
69
2
.
4
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
111
1
1
0
0
.
0
7
16
8
.
2
73
4
.
6
3d
a
e
r
p
s
r
e
t
n
e
c
%
5
3
.
0
-
/
+
3
t
i
B
s
t
u
p
n
i
d
e
h
c
t
a
l
,
t
c
e
l
e
s
e
r
a
w
d
r
a
h
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
0
4
:
7
,
2
t
i
B
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
1
0
1
t
i
B
l
a
m
r
o
N
-
0
e
l
b
a
n
e
m
u
r
t
c
e
p
s
d
a
e
r
p
S
-
1
1
0
t
i
B
s
t
u
p
n
i
h
c
t
a
l
y
b
d
e
t
c
e
l
e
s
e
b
ll
i
w
y
c
n
e
u
q
e
r
f
e
f
a
s
g
o
d
h
c
t
a
W
-
0
)
0
:
4
(
t
i
b
0
1
e
t
y
B
y
b
d
e
m
m
a
r
g
o
r
p
e
b
ll
i
w
y
c
n
e
u
q
e
r
f
e
f
a
s
g
o
d
h
c
t
a
W
-
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com