Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950211 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950211
Description  Programmable Timing Control Hub for P4
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950211 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950211 Datasheet HTML 1Page - Integrated Circuit Systems ICS950211 Datasheet HTML 2Page - Integrated Circuit Systems ICS950211 Datasheet HTML 3Page - Integrated Circuit Systems ICS950211 Datasheet HTML 4Page - Integrated Circuit Systems ICS950211 Datasheet HTML 5Page - Integrated Circuit Systems ICS950211 Datasheet HTML 6Page - Integrated Circuit Systems ICS950211 Datasheet HTML 7Page - Integrated Circuit Systems ICS950211 Datasheet HTML 8Page - Integrated Circuit Systems ICS950211 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Integrated
Circuit
Systems, Inc.
ICS950211
0465E—05/17/05
Block Diagram
Pin Configuration
Recommended Application:
Brookdale and Brookdale -G chipset with P4 processor.
Output Features:
•
3 - Pairs of differential CPU clocks (differential current mode)
•
5 - 3V66 @ 3.3V
•
10 - PCI @ 3.3V
•
2 - 48MHz @ 3.3V fixed
•
1 - REF @ 3.3V, 14.318MHz
•
1 - VCH/3V66 @ 3.3V, 48 MHz or 66.6 MHz
Features/Benefits:
•
Programmable output frequency.
•
Programmable output divider ratios.
•
Programmable output rise/fall time.
•
Programmable output skew.
•
Programmable spread percentage for EMI control.
•
Watchdog timer technology to reset system
if system malfunctions.
•
Programmable watch dog safe frequency.
•
Support I
2C Index read/write and block read/write operations.
•
Uses external 14.318MHz crystal.
Key Specifications:
•
CPU Output Jitter <150ps
•
3V66 Output Jitter <250ps
•
CPU Output Skew <100ps
Programmable Timing Control Hub™ for P4™
1. These outputs have 2X drive strength.
* Internal Pull-up resistor of 120K to VDD
** these inputs have 120K internal pull-down
to GND
56-Pin 300-mil SSOP & 240-mil TSSOP
Power Groups
VDDA = Analog Core PLL
VDDREF = REF, Xtal
AVDD48 = 48MHz
Frequency Table
For additional frequency selections please refer to Byte 0.
* For 950211BF version, this frequency is 166.66MHz.
4
S
F3
S
F2
S
F1
S
F0
S
F
K
L
C
U
P
C
z
H
M
6
6
V
3
z
H
M
K
L
C
I
C
P
z
H
M
000
0
0
*
6
6
.
6
66
6
.
6
63
3
.
3
3
000
0
1
0
0
.
0
0
16
6
.
6
63
3
.
3
3
000
1
0
0
0
.
0
0
26
6
.
6
63
3
.
3
3
000
1
1
3
3
.
3
3
16
6
.
6
63
3
.
3
3
00
1
0
0
0
9
.
0
0
17
2
.
7
63
6
.
3
3
00
1
0
1
0
0
.
5
0
10
0
.
0
70
0
.
5
3
00
1
1
0
0
0
.
9
0
17
6
.
2
73
3
.
6
3
00
1
1
1
0
0
.
4
1
10
0
.
6
70
0
.
8
3
01
0
0
0
0
0
.
7
1
10
0
.
8
70
0
.
9
3
01
0
0
1
0
0
.
7
2
16
8
.
2
73
4
.
6
3
01
0
1
0
0
0
.
0
3
19
2
.
4
74
1
.
7
3
01
0
1
1
0
5
.
2
3
11
7
.
5
79
8
.
7
3
01
1
0
0
0
0
.
5
0
20
0
.
0
70
0
.
5
3
01
1
0
1
0
0
.
0
7
17
6
.
6
53
3
.
8
2
01
1
1
0
0
0
.
0
8
10
0
.
0
60
0
.
0
3
01
1
1
1
0
0
.
0
9
13
3
.
3
67
6
.
1
3
PLL2
PLL1
Spread
Spectrum
48MHz_USB
PCICLK (6:0)
3V66 (5:2, 0)
48MHz_DOT
3V66_1/VCH_CLK
X1
X2
XTAL
OSC
CPU
DIVDER
PCI
DIVDER
3V66
DIVDER
WDEN
PD#
CPU_STOP#
PCI_STOP#
MULTSEL0
SDATA
SCLK
Vtt_PWRGD#
FS (4:0)
I REF
Control
Logic
Config.
Reg.
REF
3
3
7
5
3
CPUCLKT (2:0)
CPUCLKC (2:0)
PCICLK_F (2:0)
Stop
Stop
VDDREF
X1
X2
GND
PCICLK_F0
PCICLK_F1
PCICLK_F2
VDDPCI
GND
*WDEN/PCICLK0
PCICLK1
PCICLK2
PCICLK3
VDDPCI
GND
PCICLK4
PCICLK5
PCICLK6
VDD3V66
GND
3V66_2
3V66_3
3V66_4
3V66_5
#
VDDA
GND
*Vtt_PWRGD#
1
1
1
*PD
REF
FS1
FS0
CPU_STOP#*
CPUCLKT0
CPUCLKC0
VDDCPU
CPUCLKT1
CPUCLKC1
GND
VDDCPU
CPUCLKT2
CPUCLKC2
MULTSEL0*
I REF
GND
FS2
48MHz_USB/FS3**
48MHz_DOT
AVDD48
GND
3V66_1/VCH_CLK/FS4**
PCI_STOP#*
3V66_0
VDD
GND
SCLK
SDATA
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29


Similar Part No. - ICS950211

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS950211 RENESAS-ICS950211 Datasheet
376Kb / 22P
Programmable Timing Control Hub™ for P4™
2019
More results

Similar Description - ICS950211

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
ICS950908 ICST-ICS950908 Datasheet
279Kb / 22P
Programmable Timing Control Hub??for P4?
ICS950902 ICST-ICS950902 Datasheet
184Kb / 20P
Programmable Timing Control Hub??for P4?
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
PROGRAMMABLE TIMING CONTROL HUB FOR P4
ICS950208 ICST-ICS950208 Datasheet
133Kb / 19P
Programmable Timing Control Hub for P4
ICS950220 ICST-ICS950220 Datasheet
170Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com