Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61545AFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M61545AFP
Description  Serial Data Control Dual Electronic Volume
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61545AFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M61545AFP Datasheet HTML 1Page - Renesas Technology Corp M61545AFP Datasheet HTML 2Page - Renesas Technology Corp M61545AFP Datasheet HTML 3Page - Renesas Technology Corp M61545AFP Datasheet HTML 4Page - Renesas Technology Corp M61545AFP Datasheet HTML 5Page - Renesas Technology Corp M61545AFP Datasheet HTML 6Page - Renesas Technology Corp M61545AFP Datasheet HTML 7Page - Renesas Technology Corp M61545AFP Datasheet HTML 8Page - Renesas Technology Corp M61545AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M61545AFP
Preliminary
Rev.2.0 Dec 21, 2005 page 4 of 11
Electrical Characteristics
(Vcc = 5.0V, Ta = 25°C, unless stated otherwise)
Limits
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Circuit current
ICC
NA
10
mA
Maximum attenuation
ATT
—
–90
–80
dB
ATT = –
∞
Attenuation error
ΔATT
–2.0
0
2.0
dB
ATT = 0dB
Maximum input voltage
VIM
—
2.0
—
Vrms
THD = 1%, ATT = –6dB
Maximum output voltage
VOM
0.5
1.1
—
Vrms
THD = 1%, ATT = 0dB
VNO1
—
1.5
5.0
µVrms
ATT = 0dB, Rg = 0, JIS-A
Output noise voltage
VNO2
—
5.0
12.0
µVrms
ATT = –
∞, Rg = 0, JIS-A
Total harmonic distortion
THD
—
0.01
0.05
%
F = 1kHz, Vo = 0.1Vrms, ATT = 0dB
Channel separation
CS
—
–80
–70
dB
F = 1kHz, JIS-A, ATT = 0dB
DC Characteristics of Digital Block
Limits
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
“L” level input voltage
VIL
0
—
0.6
V
“H” level input voltage
VIH
2.2
—
—
V
Data, clock pin
“L” level input current
IIL
–10
—
10
µA
VI = 0,
“H” level input current
IIH
—
—
10
µA
VI = 5V,
Data, clock pin
AC Characteristics of Digital Block
Limits
Parameter
Symbol
Min
Typ
Max
Unit
CLOCK cycle time
tcr
4
—
—
CLOCK pulse width (“H” level)
tWHC
1.6
—
—
CLOCK pulse width (“L” level)
tWLC
1.6
—
—
CLOCK rise time
tr
—
—
0.4
CLOCK fall time
tf
—
—
0.4
DATA setup time
tSD
0.8
—
—
DATA hold time
tHD
0.8
—
—
µsec
Clock and Data Timings (Recommended Conditions)
tcr
tf
tWLC
tWHC
25%
75%
75%
tr
DATA
CLOCK
tSD
tHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com