Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61545AFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M61545AFP
Description  Serial Data Control Dual Electronic Volume
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61545AFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M61545AFP Datasheet HTML 2Page - Renesas Technology Corp M61545AFP Datasheet HTML 3Page - Renesas Technology Corp M61545AFP Datasheet HTML 4Page - Renesas Technology Corp M61545AFP Datasheet HTML 5Page - Renesas Technology Corp M61545AFP Datasheet HTML 6Page - Renesas Technology Corp M61545AFP Datasheet HTML 7Page - Renesas Technology Corp M61545AFP Datasheet HTML 8Page - Renesas Technology Corp M61545AFP Datasheet HTML 9Page - Renesas Technology Corp M61545AFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
M61545AFP
Preliminary
Rev.2.0 Dec 21, 2005 page 6 of 11
Initialization Examples
Example 1:
Setting supply of 9.0 to 12.0 V, and attenuation of – 20dB (please refer to page 7 for data format)
Delay of 0.2 second
2.0m
1 Block data
st
2.8m
time (s)
2 Block data
nd
3.6m
4.4m
/DATA
/CLOCK
Data format is A14BH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com