Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903D Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM2903D
Description  Low-power dual voltage comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903D Datasheet(HTML) 5 Page - STMicroelectronics

  LM2903D Datasheet HTML 1Page - STMicroelectronics LM2903D Datasheet HTML 2Page - STMicroelectronics LM2903D Datasheet HTML 3Page - STMicroelectronics LM2903D Datasheet HTML 4Page - STMicroelectronics LM2903D Datasheet HTML 5Page - STMicroelectronics LM2903D Datasheet HTML 6Page - STMicroelectronics LM2903D Datasheet HTML 7Page - STMicroelectronics LM2903D Datasheet HTML 8Page - STMicroelectronics LM2903D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DocID2470 Rev 14
5/21
LM2903
Absolute maximum ratings and operating conditions
21
3
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±18 or 36
V
Vid
Differential input voltage
±36
Vin
Input voltage
-0.3 to +36
Output short-circuit to ground (1)
1.
Short-circuits from the output to VCC
+ can cause excessive heating and possible destruction. The
maximum output current is approximately 20 mA, independent of the magnitude of VCC
+.
Infinite
Rthja
Thermal resistance junction to ambient(2)
SO8
TSSOP8
MiniSO8
DFN8 2x2 mm
2.
Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
125
120
190
57
°C/W
Rthjc
Thermal resistance junction to case(2)
SO8
TSSOP8
MiniSO8
DFN8 2x2 mm
40
37
39
26
Tj
Maximum junction temperature
+150
°C
Tstg
Storage temperature range
-65 to +150
ESD
Human body model (HBM)(3)
3.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are left floating.
800
V
Machine model (MM)(4)
4.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are left floating.
200
CDM: charged device model (all packages
except MiniSO8)(5)
5.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
1.5
kV
CDM: charged device model (MiniSO8)
1.3
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
Vicm
Common mode input voltage range
Tmin ≤ Tamb ≤ Tmax
0 to VCC
+ -1.5
0 to VCC
+ -2
V
Toper
Operating free-air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com