Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903D Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM2903D
Description  Low-power dual voltage comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903D Datasheet(HTML) 1 Page - STMicroelectronics

  LM2903D Datasheet HTML 1Page - STMicroelectronics LM2903D Datasheet HTML 2Page - STMicroelectronics LM2903D Datasheet HTML 3Page - STMicroelectronics LM2903D Datasheet HTML 4Page - STMicroelectronics LM2903D Datasheet HTML 5Page - STMicroelectronics LM2903D Datasheet HTML 6Page - STMicroelectronics LM2903D Datasheet HTML 7Page - STMicroelectronics LM2903D Datasheet HTML 8Page - STMicroelectronics LM2903D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
September 2021
DocID2470 Rev 14
1/21
LM2903
Low-power dual voltage comparator
Datasheet
- production data
Features
• Wide single supply voltage range or dual
supplies +2 V to +36 V or ±1 V to ±18 V
• Very low supply current (0.4 mA) independent
of supply voltage (1 mW/comparator at +5 V)
• Low input bias current: 25 nA typ.
• Low input offset current: ±5 nA typ.
• Input common-mode voltage range includes
negative rail
• Low output saturation voltage:
250 mV typ. (IO = 4 mA)
• Differential input voltage range equal to the
supply voltage
• TTL, DTL, ECL, MOS, CMOS compatible
outputs
• Automotive qualification
Related products
• See the LM2903W for similar devices with
higher ESD performances
• See the LM2903H for similar devices with
operating temperature up to 150 °C
Description
This device consists of two independent low-
power voltage comparators designed specifically
to operate from a single supply over a wide range
of voltages. Operation from split power supplies is
also possible.
In addition, the device has a unique characteristic
in that the input common-mode voltage range
includes the negative rail even though operated
from a single power supply voltage.
www.st.com


Similar Part No. - LM2903D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2903D MOTOROLA-LM2903D Datasheet
136Kb / 6P
SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
NXP Semiconductors
LM2903D PHILIPS-LM2903D Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
STMicroelectronics
LM2903D STMICROELECTRONICS-LM2903D Datasheet
628Kb / 9P
LOW POWER DUAL VOLTAGE COMPARATORS
Jun-2003
logo
Texas Instruments
LM2903D TI-LM2903D Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
ON Semiconductor
LM2903D ONSEMI-LM2903D Datasheet
115Kb / 10P
Low Offset Voltage Dual Comparators
October, 2004 ??Rev. 15
More results

Similar Description - LM2903D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
Low power dual voltage comparator
August 31, 1994
LM193 PHILIPS-LM193 Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
Agamem Microelectronic ...
AA393 AGAMEM-AA393 Datasheet
253Kb / 5P
Low power dual voltage comparator
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
Low-power dual voltage comparator
13-Mar-2012
LM2903W STMICROELECTRONICS-LM2903W Datasheet
666Kb / 13P
Low-power dual voltage comparator
18-Jan-2012
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
Low-power dual voltage comparator
05-Dec-2012
LM2903WYDT STMICROELECTRONICS-LM2903WYDT Datasheet
835Kb / 15P
Low-power, dual-voltage comparator
05-Nov-2012
LM2903WH STMICROELECTRONICS-LM2903WH Datasheet
599Kb / 14P
Low-power, dual-voltage comparator
07-Oct-2015
logo
New Japan Radio
NJM393C NJRC-NJM393C Datasheet
441Kb / 7P
Low power dual voltage comparator
ver.10
logo
STMicroelectronics
LM2903B STMICROELECTRONICS-LM2903B Datasheet
963Kb / 20P
Low-power dual voltage comparator
13-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com