Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA4F188A Datasheet(PDF) 10 Page - STMicroelectronics

Part # SMA4F188A
Description  400 W TVS in SMA Flat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA4F188A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SMA4F188A Datasheet HTML 6Page - STMicroelectronics SMA4F188A Datasheet HTML 7Page - STMicroelectronics SMA4F188A Datasheet HTML 8Page - STMicroelectronics SMA4F188A Datasheet HTML 9Page - STMicroelectronics SMA4F188A Datasheet HTML 10Page - STMicroelectronics SMA4F188A Datasheet HTML 11Page - STMicroelectronics SMA4F188A Datasheet HTML 12Page - STMicroelectronics SMA4F188A Datasheet HTML 13Page - STMicroelectronics SMA4F188A Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
3
SMA4F Ordering information
Figure 21. Ordering information scheme
SMA
4 F vv
A
Package:
SMA
Power capability (10 / 1000 µs):
400 W
Flat package
Stand-off voltage:
VRM
Type:
A : unidirectional
Table 5. Ordering information
Order code
Marking
Package
Weight
Base qty.
Delivery mode
SMA4FxxxA
See Section 3.1 Marking.
SMA Flat
39 mg
10000
Tape and reel
SMA4FxxA
SMA4F Ordering information
DS12542 - Rev 4
page 10/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com