Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA4F188A Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMA4F188A
Description  400 W TVS in SMA Flat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA4F188A Datasheet(HTML) 3 Page - STMicroelectronics

  SMA4F188A Datasheet HTML 1Page - STMicroelectronics SMA4F188A Datasheet HTML 2Page - STMicroelectronics SMA4F188A Datasheet HTML 3Page - STMicroelectronics SMA4F188A Datasheet HTML 4Page - STMicroelectronics SMA4F188A Datasheet HTML 5Page - STMicroelectronics SMA4F188A Datasheet HTML 6Page - STMicroelectronics SMA4F188A Datasheet HTML 7Page - STMicroelectronics SMA4F188A Datasheet HTML 8Page - STMicroelectronics SMA4F188A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Table 2. Electrical characteristics - parameter values (Tamb = 25 °C, unless otherwise specified)
Type
IRM max at VRM
VBR at IR(1)
10 / 1000 µs
8 / 20 µs
αT
VCL(2)(3)
IPP(4)
RD
VCL(2)(3)
IPP(4)
RD
25 °C
85 °C
Min.
Typ.
Max.
Max.
Max.
Max.
Max.
Max.
µA
V
V
mA
V
A
Ω
V
A
Ω
10-4/°C
SMA4F5.0A
20
50
5.0
6.4
6.74
7.1
10
9.2
43.5
0.048
13.4
174
0.036
5.7
SMA4F6.0A
20
50
6.0
6.7
7.05
7.4
10
10.3
38.8
0.075
13.7
170
0.037
5.9
SMA4F6.5A
20
50
6.5
7.2
7.58
8
10
11.2
35.7
0.09
14.5
160
0.041
6.1
SMA4F8.5A
20
50
8.5
9.4
9.9
10.4
1
14.4
27.7
0.144
19.5
124
0.073
7.3
SMA4F10A
0.2
1
10
11.1
11.7
12.3
1
17
23.5
0.2
21.7
106
0.089
7.8
SMA4F11A
0.2
1
11
12.3
13
13.7
1
18
21.8
0.216
24.2
96
0.11
8.1
SMA4F12A
0.2
1
12
13.3
14
14.7
1
19.9
20.1
0.259
25.3
91
0.116
8.3
SMA4F13A
0.2
1
13
14.4
15.2
16
1
21.5
18.6
0.296
27.2
85
0.132
8.4
SMA4F14A
0.2
1
14
15.7
16.5
17.3
1
23.1
17.2
0.337
29
79
0.148
8.6
SMA4F15A
0.2
1
15
16.7
17.6
18.5
1
24.4
16.4
0.36
32.5
71
0.197
8.8
SMA4F16A
0.2
1
16
17.9
18.8
19.8
1
26
15.4
0.403
34.7
67
0.222
9.0
SMA4F18A
0.2
1
18
20
21.1
22.2
1
29.2
13.7
0.511
39.3
59
0.29
9.2
SMA4F20A
0.2
1
20
22.2
23.4
24.6
1
32.4
12.3
0.634
42.8
54
0.337
9.4
SMA4F22A
0.2
1
22
24.4
25.7
27
1
35.5
11.2
0.759
48.3
48
0.444
9.6
SMA4F23A
0.2
1
23
25.7
27
28.4
1
37.8
10.6
0.888
49.2
47
0.444
9.6
SMA4F24A
0.2
1
24
26.7
28.1
29.5
1
38.9
10.3
0.913
50
46
0.446
9.6
SMA4F26A
0.2
1
26
28.9
30.4
31.9
1
42.1
9.5
1.07
53.5
43
0.502
9.7
SMA4F28A
0.2
1
28
31.1
32.7
34.3
1
45.4
8.8
1.26
59
39
0.633
9.8
SMA4F30A
0.2
1
30
33.2
35
36.8
1
48.4
8.3
1.39
64.3
36
0.761
9.9
SMA4F31A
0.2
1
31
34.2
36
37.8
1
50.2
8
1.56
65
35
0.77
9.9
SMA4F33A
0.2
1
33
36.7
38.6
40.5
1
53.3
7.5
1.71
69.7
33
0.885
10
SMA4F36A
0.2
1
36
40
42.1
44.2
1
58.1
6.9
2.01
76
30
1.06
10
SMA4F40A
0.2
1
40
44.4
46.7
49
1
64.5
6.2
2.5
84
27
1.3
10.1
SMA4F48A
0.2
1
48
53.2
56
58.8
1
77.4
5.2
3.56
100
23
1.79
10.3
SMA4F58A
0.2
1
58
64.6
68
71.4
1
93.6
4.3
5.21
121
19
2.62
10.4
SMA4F64A
0.2
1
64
71.1
74.8
78.6
1
103
3.9
6.25
134
17
3.25
10.5
SMA4F70A
0.2
1
70
77.9
82
86.1
1
113
3.5
7.71
146
16
3.75
10.5
SMA4F85A
0.2
1
85
95
100
105
1
137
2.9
11.4
178
13
5.69
10.6
SMA4F100A
0.2
1
100
111
117
123
1
162
2.5
15.6
212
11
8.09
10.7
SMA4F130A
0.2
1
130
144
152
160
1
209
1.9
25.8
265
9
11.7
10.8
SMA4F154A
0.2
1
154
171
180
189
1
246
1.6
35.6
317
7
18.3
10.8
SMA4F170A
0.2
1
170
190
200
210
1
275
1.4
47
353
6.5
22.2
10.8
SMA4F188A
0.2
1
188
209
220
231
1
328
1.4
69.3
388
6
26.2
10.8
1. To calculate VBR versus Tj: VBR at TJ = VBR at 25 °C x (1 + αT x (Tj - 25))
2. To calculate VCL versus Tj: VCL at TJ = VCL at 25 °C x (1 + αT x (Tj - 25))
3. To calculate VCLmax versus IPPappli: VCLmax = VBR max + RD x IPPappli
SMA4FxxA
Characteristics
DS12542 - Rev 4
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com