Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S60E3 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SPC574S60E3
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60E3 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SPC574S60E3 Datasheet HTML 17Page - STMicroelectronics SPC574S60E3 Datasheet HTML 18Page - STMicroelectronics SPC574S60E3 Datasheet HTML 19Page - STMicroelectronics SPC574S60E3 Datasheet HTML 20Page - STMicroelectronics SPC574S60E3 Datasheet HTML 21Page - STMicroelectronics SPC574S60E3 Datasheet HTML 22Page - STMicroelectronics SPC574S60E3 Datasheet HTML 23Page - STMicroelectronics SPC574S60E3 Datasheet HTML 24Page - STMicroelectronics SPC574S60E3 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
DS10601 Rev 6
21/77
SPC574Sx
Electrical characteristics
76
TJ
SR P
Operating
temperature
range -
junction
—
-40.0
—
150.0
°C
TA (TL to TH)SR P
Ambient
operating
temperature
range(3)
—
-40.0
—
125.0(4)
°C
Voltage
VDD_LV
C
1.2 V core
supply
voltage(5)
1.19
1.255
1.32
V
VDD_HV_IO_L0(6),(7)
SR D
I/O rail #0(8)
and PMC
supply
voltage (with
NOMINAL
supply =
3.3 V)
LVD290_C/HVD400_C
enabled
2.99
—
3.6
V
I/O rail #0
and PMC
supply
voltage (with
NOMINAL
supply = 5 V)
LVD400_IOL0 enabled 4.305
—
5.5
V
VDD_HV_IO_L1(6),(7)
SR D
I/O rail #1
supply
voltage (with
NOMINAL
supply =
3.3 V)
LVD290_L1 enabled
2.99
—
3.6
V
I/O rail #1
supply
voltage (with
NOMINAL
supply = 5 V)
LVD400_IOL1 enabled 4.305
—
5.5
V
VDD_HV_XOSC(6),(7)
SR D
XOSC supply
voltage
LVD290_XOSC
enabled
2.99
—
5.5
V
Table 8. Device operating conditions(1) (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com