Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRK1000A Datasheet(PDF) 21 Page - STMicroelectronics

Part # SRK1000A
Description  Adaptive synchronous rectification controller for flyback converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRK1000A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SRK1000A Datasheet HTML 17Page - STMicroelectronics SRK1000A Datasheet HTML 18Page - STMicroelectronics SRK1000A Datasheet HTML 19Page - STMicroelectronics SRK1000A Datasheet HTML 20Page - STMicroelectronics SRK1000A Datasheet HTML 21Page - STMicroelectronics SRK1000A Datasheet HTML 22Page - STMicroelectronics SRK1000A Datasheet HTML 23Page - STMicroelectronics SRK1000A Datasheet HTML 24Page - STMicroelectronics SRK1000A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DS12787 Rev 1
21/27
SRK1000 / SRK1000A / SRK1000B
Operation description
27
Figure 15. VAUX pin operation
5.9
Operation in CC regulation and short-circuit
During CC regulation operation in QR applications, the demagnetization time progressively
increases while reducing the load impedance and the output voltage consequently reduces.
Therefore, the conduction duty cycle of SR MOSFET driving increases: the SRK1000 fixes
the maximum driving pulse width level to TON_MAX and after this time interval has elapsed, it
turns off the SR MOSFET. This means that, for the rest of the demagnetization time after
TON_MAX, the rectified current continues to flow through the body diode.
If CC regulation is extended down to short-circuit condition, (i.e. the output current is
regulated also during short-circuit and the primary controller does not enter hiccup
protection), some care must be taken to avoid temperature increase of the SR MOSFET
(i.e. a proper thermal design or the usage of an external Schottky diode).
5.10
Adaptive gate drive
The IC is provided with a low-noise, high-current gate-drive output, capable of directly
driving N-channel Power MOSFETs.
The high-level voltage provided by the driver is in fact clamped at VGDclamp (11.6 V typ.)
through an accurate circuitry; this avoids excessive voltage levels on the gate in case the
device is supplied with a high VCC, thus minimizing the gate charge provided in each
switching cycle.
Furthermore, the gate driver has a pull-down capability that ensures the SR MOSFET
cannot be spuriously turned on even at low VCC: in fact, the driver has a 1 V (typ.) saturation
level at VCC below the turn-on threshold.
In order to optimize efficiency at low load levels (where driving losses may be relevant with
respect to conduction losses), the high-level of driver output is adapted, decreasing with
decreasing demagnetization time. The adaptive gate drive changes the driving high-level
VHIGH in 16 steps of 400 mV, corresponding to 16 steps of detected demagnetization time
TD of the transformer, as described by the following relationships:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com