Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1803DFX Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST1803DFX
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1803DFX Datasheet(HTML) 5 Page - STMicroelectronics

  ST1803DFX Datasheet HTML 1Page - STMicroelectronics ST1803DFX Datasheet HTML 2Page - STMicroelectronics ST1803DFX Datasheet HTML 3Page - STMicroelectronics ST1803DFX Datasheet HTML 4Page - STMicroelectronics ST1803DFX Datasheet HTML 5Page - STMicroelectronics ST1803DFX Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.30
5.70
0.209
0.224
C
2.80
3.20
0.110
0.126
D
3.10
3.50
0.122
0.138
D1
1.80
2.20
0.071
0.087
E
0.80
1.10
0.031
0.043
F
0.65
0.95
0.026
0.037
F2
1.80
2.20
0.071
0.087
G
10.30
11.50
0.406
0.453
G1
5.45
0.215
H
15.30
15.70
0.602
0.618
L
9.80
10.20
0.386
0.402
L2
22.80
23.20
0.898
0.913
L3
26.30
26.70
1.035
1.051
L4
43.20
44.40
1.701
1.748
L5
4.30
4.70
0.169
0.185
L6
24.30
24.70
0.957
0.972
L7
14.60
15.00
0.575
0.591
N
1.80
2.20
0.071
0.087
R
3.80
4.20
0.150
0.165
DIA
3.40
3.80
0.134
0.150
ISOWATT218FX MECHANICAL DATA
- Weight : 5.6 g (typ.)
- Maximum Torque (applied to mounting flange) Recommended: 0.55 Nm; Maximum: 1 Nm
- The side of the dissipator must be flat within 80
µm
ST1803DFX
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com