Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1803DFX Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1803DFX
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1803DFX Datasheet(HTML) 1 Page - STMicroelectronics

  ST1803DFX Datasheet HTML 1Page - STMicroelectronics ST1803DFX Datasheet HTML 2Page - STMicroelectronics ST1803DFX Datasheet HTML 3Page - STMicroelectronics ST1803DFX Datasheet HTML 4Page - STMicroelectronics ST1803DFX Datasheet HTML 5Page - STMicroelectronics ST1803DFX Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ST1803DFX
HIGH VOLTAGE FAST-SWITCHING
NPN POWER TRANSISTOR
s
NEW SERIES, ENHANCED PERFORMANCE
s
FULLY INSULATED PACKAGE (U.L.
COMPLIANT) FOR EASY MOUNTING
s
INTEGRATED FREE WHEELING DIODE
s
HIGH VOLTAGE CAPABILITY (> 1500 V)
s
HIGH SWITCHING SPEED
s
TIGTHER hfe CONTROL
s
IMPROVED RUGGEDNESS
APPLICATIONS:
s
HORIZONTAL DEFLECTION FOR COLOR
TVS UP TO 29 INCHES
DESCRIPTION
The ST1803DFX is manufactured using Diffused
Collector technology for more stable operation Vs
base drive circuit variations resulting in very low
worst case dissipation.
®
INTERNAL SCHEMATIC DIAGRAM
December 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
1500
V
VCEO
Collector-Emitter Voltage (IB = 0)
600
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Collector Current
10
A
ICM
Collector Peak Current (tp < 5 ms)
15
A
IB
Base Current
4
A
Ptot
Total Dissipation at Tc = 25
oC60
W
Visol
Insulation Withstand Voltage (RMS) from All
Three Leads to External Heatsink
2500
V
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
ISOWATT218FX
RBE =20
Ω
Typ.
1/6


Similar Part No. - ST1803DFX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1803DFH STMICROELECTRONICS-ST1803DFH Datasheet
252Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Dec-2002
More results

Similar Description - ST1803DFX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com