Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS555 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS555
Description  Low-power single CMOS timer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS555 Datasheet(HTML) 1 Page - STMicroelectronics

  TS555_V01 Datasheet HTML 1Page - STMicroelectronics TS555_V01 Datasheet HTML 2Page - STMicroelectronics TS555_V01 Datasheet HTML 3Page - STMicroelectronics TS555_V01 Datasheet HTML 4Page - STMicroelectronics TS555_V01 Datasheet HTML 5Page - STMicroelectronics TS555_V01 Datasheet HTML 6Page - STMicroelectronics TS555_V01 Datasheet HTML 7Page - STMicroelectronics TS555_V01 Datasheet HTML 8Page - STMicroelectronics TS555_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
June 2015
DocID4077 Rev 4
1/19
TS555
Low-power single CMOS timer
Datasheet
- production data
Features
• Very low power consumption:
– 110 µA typ at VCC = 5 V
– 90 µa typ at VCC = 3 V
• High maximum astable frequency of 2.7 MHz
• Pin-to-pin functionally-compatible with bipolar
NE555(a)
• Wide voltage range: +2 V to +16 V
• Supply current spikes reduced during output
transitions
• High input impedance: 1012 Ω
• Output compatible with TTL, CMOS and logic
MOS
Description
The TS555 is a single CMOS timer with very low
consumption:
(Icc(TYP) TS555 = 110 µA at VCC = +5 V versus
Icc(TYP) NE555(a) = 3 mA),
and high frequency:
(ff(max.) TS555 = 2.7 MHz versus
f(max) NE555(a) = 0.1 MHz).
Timing remains accurate in both monostable and
astable mode.
The TS555 provides reduced supply current
spikes during output transitions, which enable the
use of lower decoupling capacitors compared to
those required by bipolar NE555(a).
With the high input impedance (1012
Ω), timing
capacitors can also be minimized.
a. Terminated product
SO8
(plastic micropackage)
Pin connections
(top view)
www.st.com


Similar Part No. - TS555_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS555C STMICROELECTRONICS-TS555C Datasheet
84Kb / 12P
LOW POWER SINGLE CMOS TIMERS
Jan-1999
TS555C STMICROELECTRONICS-TS555C Datasheet
220Kb / 12P
LOW POWER SINGLE CMOS TIMER
Feb-2003
TS555CD STMICROELECTRONICS-TS555CD Datasheet
84Kb / 12P
LOW POWER SINGLE CMOS TIMERS
Jan-1999
TS555CD STMICROELECTRONICS-TS555CD Datasheet
234Kb / 20P
Low power single CMOS timer
03-Nov-2008
TS555CDT STMICROELECTRONICS-TS555CDT Datasheet
234Kb / 20P
Low power single CMOS timer
03-Nov-2008
More results

Similar Description - TS555_V01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
CMOS Timer
logo
STMicroelectronics
TS556 STMICROELECTRONICS-TS556 Datasheet
129Kb / 11P
LOW POWER DUAL CMOS TIMER
Feb-2003
TS555 STMICROELECTRONICS-TS555 Datasheet
220Kb / 12P
LOW POWER SINGLE CMOS TIMER
Feb-2003
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
CMOS Timer
logo
National Semiconductor ...
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
CMOS Timer
logo
STMicroelectronics
TS556 STMICROELECTRONICS-TS556_08 Datasheet
186Kb / 19P
Low-power dual CMOS timer
28-Oct-2008
TS555CDT STMICROELECTRONICS-TS555CDT Datasheet
234Kb / 20P
Low power single CMOS timer
03-Nov-2008
logo
Advanced Linear Devices
ALD7555 ALD-ALD7555 Datasheet
88Kb / 12P
SINGLE/DUAL CMOS ANALOG RC TIMER
logo
Texas Instruments
LMC555 TI1-LMC555_16 Datasheet
1Mb / 28P
CMOS Timer
logo
Samsung semiconductor
KS555 SAMSUNG-KS555 Datasheet
202Kb / 4P
CMOS SINGLE TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com