Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS555C Datasheet (PDF) - STMicroelectronics

TS555C Datasheet PDF - STMicroelectronics
Part # TS555C
Download  TS555C Download
File Size   84.87 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER SINGLE CMOS TIMERS

TS555C Datasheet (PDF)

Go To PDF Page Download Datasheet
TS555C Datasheet PDF - STMicroelectronics

Part # TS555C
Download  TS555C Click to download

File Size   84.87 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER SINGLE CMOS TIMERS

TS555C Datasheet (HTML) - STMicroelectronics


TS555C Product details

DESCRIPTION
The TS555 is a single CMOS timer which offers very low consumption (Icc(TYP) TS555 = 100µA Icc(TYP) NE555 = 3mA) and high frequency (f(max.) TS555 = 2.7MHz - f(max.) NE555 = 0.1 MHz) Thus, either in Monostable or Astable mode, timing remains very accurate.
The TS555provides reduced supply current spikes during output transitions, which enables the use of lower decoupling capacitors compared to those required by bipolar NE555.
Timing capacitors can also be minimized due to high input impedance (1012 Ω).

■ VERY LOW POWER CONSUMPTION :
■ 100µA typ at VCC = 5V
■ HIGH MAXIMUM ASTABLE FREQUENCY 2.7MHz
■ PIN-TO-PIN AND FUNCTIONALLY COMPATIBLE WITH BIPOLAR NE555
■ VOLTAGE RANGE : +2V to +18V
■ HIGH OUTPUT CURRENT CAPABILITY
■ SUPPLY CURRENT SPIKES REDUCED DURING OUTPUT TRANSITIONS
■ HIGH INPUT IMPEDANCE : 1012 Ω
■ OUTPUT COMPATIBLE WITH TTL,CMOS AND LOGIC MOS




Similar Part No. - TS555C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS555C STMICROELECTRONICS-TS555C Datasheet
220Kb / 12P
LOW POWER SINGLE CMOS TIMER
Feb-2003
TS555CD STMICROELECTRONICS-TS555CD Datasheet
234Kb / 20P
Low power single CMOS timer
03-Nov-2008
TS555CDT STMICROELECTRONICS-TS555CDT Datasheet
234Kb / 20P
Low power single CMOS timer
03-Nov-2008
TS555CN STMICROELECTRONICS-TS555CN Datasheet
234Kb / 20P
Low power single CMOS timer
03-Nov-2008
TS555CPT STMICROELECTRONICS-TS555CPT Datasheet
234Kb / 20P
Low power single CMOS timer
03-Nov-2008
More results


Similar Description - TS555C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V555 STMICROELECTRONICS-TS3V555 Datasheet
74Kb / 8P
3V LOW POWER SINGLE TIMERS
Oct-1997
TS3V556 STMICROELECTRONICS-TS3V556 Datasheet
63Kb / 8P
3V LOW POWER DUAL TIMERS
May-2000
TS556C STMICROELECTRONICS-TS556C Datasheet
98Kb / 11P
LOW POWER DUAL CMOS TIMERS
Oct-1997
logo
Texas Instruments
INA331 TI-INA331 Datasheet
294Kb / 15P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
logo
STMicroelectronics
TS271 STMICROELECTRONICS-TS271 Datasheet
163Kb / 15P
CMOS PROGRAMMABLE LOW POWER SINGLE OPERATIONAL AMPLIFIER
Nov-2001
logo
Burr-Brown (TI)
INA332 BURR-BROWN-INA332 Datasheet
292Kb / 17P
Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
logo
Mitsubishi Electric Sem...
M58479P MITSUBISHI-M58479P Datasheet
235Kb / 4P
CMOS COUNTER/TIMERS
logo
STMicroelectronics
TS555 STMICROELECTRONICS-TS555 Datasheet
220Kb / 12P
LOW POWER SINGLE CMOS TIMER
Feb-2003
TS555CDT STMICROELECTRONICS-TS555CDT Datasheet
234Kb / 20P
Low power single CMOS timer
03-Nov-2008
TS555 STMICROELECTRONICS-TS555_V01 Datasheet
427Kb / 19P
Low-power single CMOS timer
24-Jun-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com