Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3V555 Datasheet (PDF) - STMicroelectronics

TS3V555 Datasheet PDF - STMicroelectronics
Part # TS3V555
Download  TS3V555 Download
File Size   74.86 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3V LOW POWER SINGLE TIMERS

TS3V555 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3V555 Datasheet PDF - STMicroelectronics

Part # TS3V555
Download  TS3V555 Click to download

File Size   74.86 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3V LOW POWER SINGLE TIMERS

TS3V555 Datasheet (HTML) - STMicroelectronics


TS3V555 Product details

DESCRIPTION

The TS3V555 with its low consumption (90µA at VCC =3V) isa singleCMOStimerdedicatedto 3.3V or battery supply (specified at 3V and 5V) offering also a high frequency (f(max) 2MHz at VCC = 3V and 2.7 MHz at VCC = 5V). Thus, either in monostable or astable mode, timing remains very accurate. Timing capacitors can also be minimized due to high input impedance (1012 Ω).



■ DEDICATED TO 3.3V OR BATTERY SUPPLY (Specified at 3V and 5V)

■ VERY LOW POWER CONSUMPTION : 90µA at VCC = 3V

■ WIDE SINGLE SUPPLY RANGE : +2.7V to +16V

■ HIGH OUTPUT CURRENT CAPABILITY

■ SUPPLY CURRENT SPIKES REDUCED DURING OUTPUT TRANSITIONS

■ HIGH INPUT IMPEDANCE : 1012 Ω

■ PIN-TO-PIN AND FUNCTIONALLY COMPATIBLE WITH BIPOLAR NE555 AND CMOS TS555

■ OUTPUT COMPATIBLE WITH TTL,CMOS AND LOGIC MOS



 




Similar Part No. - TS3V555

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V556 STMICROELECTRONICS-TS3V556 Datasheet
63Kb / 8P
3V LOW POWER DUAL TIMERS
May-2000
TS3V556I STMICROELECTRONICS-TS3V556I Datasheet
63Kb / 8P
3V LOW POWER DUAL TIMERS
May-2000
More results


Similar Description - TS3V555

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V556 STMICROELECTRONICS-TS3V556 Datasheet
63Kb / 8P
3V LOW POWER DUAL TIMERS
May-2000
TS555C STMICROELECTRONICS-TS555C Datasheet
84Kb / 12P
LOW POWER SINGLE CMOS TIMERS
Jan-1999
TS556C STMICROELECTRONICS-TS556C Datasheet
98Kb / 11P
LOW POWER DUAL CMOS TIMERS
Oct-1997
logo
Sipex Corporation
SP6828 SIPEX-SP6828 Datasheet
258Kb / 17P
3V Low Power Voltage Inverters
logo
Maxim Integrated Produc...
MAX2451 MAXIM-MAX2451 Datasheet
58Kb / 6P
3V, Ultra-Low-Power Quadrature Demodulator
19-0493; Rev 0; 12/95
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
logo
Sipex Corporation
SP6828 SIPEX-SP6828 Datasheet
258Kb / 17P
3V Low Power Voltage Inverters
logo
Cadeka Microcircuits LL...
CLC1050 CADEKA-CLC1050 Datasheet
2Mb / 17P
Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
LM358 CADEKA-LM358 Datasheet
1Mb / 15P
Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
Rev 1A
logo
Exar Corporation
CLC1050 EXAR-CLC1050 Datasheet
1Mb / 17P
Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com