Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS556C Datasheet (PDF) - STMicroelectronics

TS556C Datasheet PDF - STMicroelectronics
Part # TS556C
Download  TS556C Download
File Size   98.04 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER DUAL CMOS TIMERS

TS556C Datasheet (PDF)

Go To PDF Page Download Datasheet
TS556C Datasheet PDF - STMicroelectronics

Part # TS556C
Download  TS556C Click to download

File Size   98.04 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW POWER DUAL CMOS TIMERS

TS556C Datasheet (HTML) - STMicroelectronics


TS556C Product details

DESCRIPTION

The TS556 is a dual CMOS timer which offers very low consumption (Icc(TYP) TS556 = 220µA at VCC=+5V versus Icc(TYP) NE556 = 6mA) and high frequency ff(max.) TS556 = 2.7MHz versus f(max.) NE556 = 0.1 MHz) Thus, either in Monostable or Astable mode, timing remains very accurate. The TS556 provides reduced supply current spikes during output transitions, which enables the use of lower decoupling capacitors compared to those required by bipolar NE556. Timing capacitors can also be minimized due to high input impedance (1012Ω).



■VERY LOW POWER CONSUMPTION :

   220 µA typ at VCC= 5V

   180 µA typ at VCC= 3V

■HIGH MAXIMUM ASTABLE FREQUENCY 2.7MHz

■PIN-TO-PIN AND FUNCTIONALLY COMPATIBLE WITH BIPOLAR NE556

■WIDE VOLTAGE RANGE : +2V to +16V

■HIGH OUTPUT CURRENT CAPABILITY

■SUPPLY CURRENT SPIKES REDUCED DURING OUTPUT TRANSITIONS

■HIGH INPUT IMPEDANCE : 1012

■OUTPUT COMPATIBLE WITH TTL,CMOS AND LOGIC MOS




Similar Part No. - TS556C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS556C STMICROELECTRONICS-TS556C Datasheet
129Kb / 11P
LOW POWER DUAL CMOS TIMER
Feb-2003
More results


Similar Description - TS556C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V555 STMICROELECTRONICS-TS3V555 Datasheet
74Kb / 8P
3V LOW POWER SINGLE TIMERS
Oct-1997
TS3V556 STMICROELECTRONICS-TS3V556 Datasheet
63Kb / 8P
3V LOW POWER DUAL TIMERS
May-2000
TS555C STMICROELECTRONICS-TS555C Datasheet
84Kb / 12P
LOW POWER SINGLE CMOS TIMERS
Jan-1999
logo
Texas Instruments
NE556 TI-NE556 Datasheet
71Kb / 5P
DUAL PRECISION TIMERS
logo
STMicroelectronics
TS556 STMICROELECTRONICS-TS556 Datasheet
129Kb / 11P
LOW POWER DUAL CMOS TIMER
Feb-2003
logo
Texas Instruments
NA556 TI-NA556 Datasheet
412Kb / 15P
DUAL PRECISION TIMERS
logo
Mitsubishi Electric Sem...
M58479P MITSUBISHI-M58479P Datasheet
235Kb / 4P
CMOS COUNTER/TIMERS
logo
STMicroelectronics
TS556 STMICROELECTRONICS-TS556_08 Datasheet
186Kb / 19P
Low-power dual CMOS timer
28-Oct-2008
logo
Texas Instruments
JM38510-10902BCA TI1-JM38510-10902BCA Datasheet
777Kb / 19P
DUAL PRECISION TIMERS
TLC556 TI1-TLC556_16 Datasheet
1Mb / 22P
DUAL LinCMOSE TIMERS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com