Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3V556 Datasheet (PDF) - STMicroelectronics

TS3V556 Datasheet PDF - STMicroelectronics
Part # TS3V556
Download  TS3V556 Download
File Size   63.76 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3V LOW POWER DUAL TIMERS

TS3V556 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3V556 Datasheet PDF - STMicroelectronics

Part # TS3V556
Download  TS3V556 Click to download

File Size   63.76 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3V LOW POWER DUAL TIMERS

TS3V556 Datasheet (HTML) - STMicroelectronics


TS3V556 Product details

DESCRIPTION
The TS3V556 with its low consumption (90µA/tim at VCC = 3V) is a dual CMOS timer dedicated to 3.3V or battery supply (specified at 3V and 5V offering also a high frequency (f(max) 2MHz at VCC = 3V and 2.7 MHz at VCC = 5V). Thus, either in monostable or astable mode, timing remains very accurate.
Timing capacitors can also be minimized due to high input impedance (1012 Ω).

■ DEDICATED TO 3.3V OR BATTERY SUPPLY (Specified at 3V and 5V)
■ VERY LOW POWER CONSUMPTION : 90μA/tim at VCC = 3V
■ WIDE SINGLE SUPPLY RANGE : +2.7V to +16V
■ HIGH OUTPUT CURRENT CAPABILITY
■ SUPPLY CURRENT SPIKES REDUCED DURING OUTPUT TRANSITIONS
■ HIGH INPUT IMPEDANCE : 1012Ω
■ PIN-TO-PIN AND FUNCTIONALLY COMPATIBLE WITH BIPOLAR NE556 AND CMOS TS556
■ OUTPUT COMPATIBLE WITH TTL,CMOS AND LOGIC MOS




Similar Part No. - TS3V556

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V555 STMICROELECTRONICS-TS3V555 Datasheet
74Kb / 8P
3V LOW POWER SINGLE TIMERS
Oct-1997
TS3V555I STMICROELECTRONICS-TS3V555I Datasheet
74Kb / 8P
3V LOW POWER SINGLE TIMERS
Oct-1997
More results


Similar Description - TS3V556

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V555 STMICROELECTRONICS-TS3V555 Datasheet
74Kb / 8P
3V LOW POWER SINGLE TIMERS
Oct-1997
TS556C STMICROELECTRONICS-TS556C Datasheet
98Kb / 11P
LOW POWER DUAL CMOS TIMERS
Oct-1997
logo
Texas Instruments
NA556 TI-NA556 Datasheet
412Kb / 15P
DUAL PRECISION TIMERS
logo
Linear Technology
LTC2284 LINER-LTC2284 Datasheet
703Kb / 24P
Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2282 LINER-LTC2282 Datasheet
456Kb / 24P
Dual 12-Bit, 105Msps Low Power 3V ADC
LTC2295 LINER-LTC2295 Datasheet
676Kb / 24P
Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283_15 Datasheet
580Kb / 24P
Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2284 LINER-LTC2284_15 Datasheet
712Kb / 24P
Dual 14-Bit, 105Msps Low Power 3V ADC
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com