Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3V556 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS3V556
Description  3V LOW POWER DUAL TIMERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3V556 Datasheet(HTML) 1 Page - STMicroelectronics

  TS3V556 Datasheet HTML 1Page - STMicroelectronics TS3V556 Datasheet HTML 2Page - STMicroelectronics TS3V556 Datasheet HTML 3Page - STMicroelectronics TS3V556 Datasheet HTML 4Page - STMicroelectronics TS3V556 Datasheet HTML 5Page - STMicroelectronics TS3V556 Datasheet HTML 6Page - STMicroelectronics TS3V556 Datasheet HTML 7Page - STMicroelectronics TS3V556 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
®
TS3V556
N
DIP14
(Plastic Package)
D
SO14
.
DEDICATED TO 3.3V OR BATTERY SUPPLY
(Specified at 3V and 5V)
.
VERY LOW POWER CONSUMPTION :
90 A/tim at VCC =3V
.
WIDE SINGLE SUPPLY RANGE :
+2.7V to +16V
.
HIGH OUTPUT CURRENT CAPABILITY
.
SUPPLY CURRENT SPIKES REDUCED
DURING OUTPUT TRANSITIONS
.
HIGH INPUT IMPEDANCE : 10
12
.
PIN-TO-PIN AND FUNCTIONALLY COMPATI-
BLE WITH BIPOLAR NE556 AND CMOS
TS556
.
OUTPUT COMPATIBLE WITH TTL,CMOS
AND LOGIC MOS
DESCRIPTION
The TS3V556 with its low consumption (90
µA/tim
at VCC = 3V) is a dual CMOS timer dedicated to
3.3V or battery supply (specified at 3V and 5V offer-
ing also a high frequency (f(max) 2MHz at VCC =3V
and 2.7 MHz at VCC = 5V). Thus, either in mono-
stable or astable mode, timing remains very accu-
rate.
Timing capacitors can also be minimized due to
high input impedance (10
12
Ω).
ORDER CODES
Part Number
Temperature
Range
Package
ND
TS3V556I
-40, +125
oC
ll
3V LOW POWER DUAL TIMERS
Tr ig ger
O u t put
Cont r o l Vol t a g e
4
8
5
6
7
9
10
11
12
13
14
Tr i gge r
Th r e s h o l d
Di s c h a r g e
Re s e t
Out put
Discha rge
GN D
1
2
3
T h r e s hold
Cont r o l Vol t age
Re se t
CC
V
PIN CONNECTIONS (top view)
May 2000


Similar Part No. - TS3V556

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V555 STMICROELECTRONICS-TS3V555 Datasheet
74Kb / 8P
3V LOW POWER SINGLE TIMERS
Oct-1997
TS3V555I STMICROELECTRONICS-TS3V555I Datasheet
74Kb / 8P
3V LOW POWER SINGLE TIMERS
Oct-1997
More results

Similar Description - TS3V556

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V555 STMICROELECTRONICS-TS3V555 Datasheet
74Kb / 8P
3V LOW POWER SINGLE TIMERS
Oct-1997
TS556C STMICROELECTRONICS-TS556C Datasheet
98Kb / 11P
LOW POWER DUAL CMOS TIMERS
Oct-1997
logo
Texas Instruments
NA556 TI-NA556 Datasheet
412Kb / 15P
DUAL PRECISION TIMERS
logo
Linear Technology
LTC2284 LINER-LTC2284 Datasheet
703Kb / 24P
Dual 14-Bit, 105Msps Low Power 3V ADC
LTC2282 LINER-LTC2282 Datasheet
456Kb / 24P
Dual 12-Bit, 105Msps Low Power 3V ADC
LTC2295 LINER-LTC2295 Datasheet
676Kb / 24P
Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2295 LINER-LTC2295_15 Datasheet
682Kb / 24P
Dual 14-Bit, 10Msps Low Power 3V ADC
LTC2281 LINER-LTC2281_15 Datasheet
493Kb / 24P
Dual 10-Bit, 125Msps Low Power 3V ADC
LTC2283 LINER-LTC2283_15 Datasheet
580Kb / 24P
Dual 12-Bit, 125Msps Low Power 3V ADC
LTC2284 LINER-LTC2284_15 Datasheet
712Kb / 24P
Dual 14-Bit, 105Msps Low Power 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com