Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3V556 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS3V556
Description  3V LOW POWER DUAL TIMERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3V556 Datasheet(HTML) 3 Page - STMicroelectronics

  TS3V556 Datasheet HTML 1Page - STMicroelectronics TS3V556 Datasheet HTML 2Page - STMicroelectronics TS3V556 Datasheet HTML 3Page - STMicroelectronics TS3V556 Datasheet HTML 4Page - STMicroelectronics TS3V556 Datasheet HTML 5Page - STMicroelectronics TS3V556 Datasheet HTML 6Page - STMicroelectronics TS3V556 Datasheet HTML 7Page - STMicroelectronics TS3V556 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS3V556
3/8
ELECTRICAL CHARACTERISTICS
VCC = +3V , Tamb = +25
oC , Reset to VCC (unless otherwise specified)
STATIC
Symbol
Parameter
TS3V556I
Unit
Min.
Typ.
Max.
ICC
Supply Current - (no load, High and Low States, per
timer)
Tamb = +25
oC
Tmin.
® T
amb
® Tmax.
90
230
230
µA
VCL
Control Voltage
Tamb = +25
oC
Tmin.
® T
amb
® Tmax.
1.8
1.7
2
2.2
2.3
V
VDIS
Discharge Saturation Voltage (IDIS = 1mA)
Tamb = +25
oC
Tmin.
® Tamb ® Tmax.
0.05
-
0.2
0.25
V
VOL
Low Level Output Voltage (ISINK = 1mA)
Tamb = +25
oC
Tmin.
® T
amb
® Tmax.
0.1
0.3
0.35
V
VOH
High Level Output Voltage (ISOURCE = -0.3mA)
Tamb = +25
oC
Tmin.
® T
amb
® Tmax.
2.5
2.5
2.9
V
VTRIG
Trigger Voltage
Tamb = +25
oC
Tmin.
® T
amb
® Tmax.
0.9
0.8
1
1.1
1.2
V
ITRIG
Trigger Current
10
pA
ITH
Threshold Current
10
pA
VRESET
Reset Voltage
Tamb = +25
°C
Tmin.
® Tamb ® Tmax.
0.4
0.3
1.1
1.5
2.0
V
IRESET
Reset Current
10
pA
IDIS
Discharge Pin Leakage Current
1
100
nA
DYNAMIC
Symbol
Parameter
TS3V556I
Unit
Min.
Typ.
Max.
Timing Accuracy (Monostable)
R = 10k
Ω , C = 0.1µF - (note 1)
1
%
Timing Shift with supply voltage variations (Monostable)
R = 10k
Ω , C = 0.1µF, VCC = +3V +/-0.3V - (note 1)
0.5
%/V
Timing Shift with temperature - (note 1)
Tmin. ® Tamb ® Tmax.75
ppm/
°
C
fmax
Maximum astable frequency - (note 2)
RA = 470
Ω ,RB = 200Ω, C = 200pF
2
MHz
Astable frequency accuracy - (note 2)
RA =RB =1k
Ω to 100kΩ,C = 0.1µF
5
%
Timing Shift with supply voltage variations (Astable mode) - (note
2)
RA =RB = 10k
Ω, C = 0.1µF, VCC = +3 to+5V
0.5
%/V
tr
Output Rise Time (CLOAD = 10pF)
25
ns
tf
Output Fall Time (CLOAD = 10pF)
20
ns
tPD
Trigger Propagation Delay
100
ns
tRPW
Minimum Reset Pulse Width (VTRIG = +3V)
350
ns
Note :
1. See Figure 2
2. See Figure 4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com