Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3V555 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS3V555
Description  3V LOW POWER SINGLE TIMERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3V555 Datasheet(HTML) 2 Page - STMicroelectronics

  TS3V555 Datasheet HTML 1Page - STMicroelectronics TS3V555 Datasheet HTML 2Page - STMicroelectronics TS3V555 Datasheet HTML 3Page - STMicroelectronics TS3V555 Datasheet HTML 4Page - STMicroelectronics TS3V555 Datasheet HTML 5Page - STMicroelectronics TS3V555 Datasheet HTML 6Page - STMicroelectronics TS3V555 Datasheet HTML 7Page - STMicroelectronics TS3V555 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FUNCTION TABLE
RESET
TRIGG ER
THRESHOLD
OUTPUT
Low
x
x
Low
High
Low
x
High
High
High
High
Low
High
High
Low
Previous State
LOW
£
Level Voltage
≤ Min voltage specified
HIGH
£
Level Voltage
≥ Max voltage specified
X
£
Irrelevant
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
+18
V
TJ
Junction Temperature
+150
oC
THERMAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Toper
Operating Temperature Range
TS3V555I,AI
-40 to +125
oC
Tstg
Storage Temperature Range
-65 to +150
oC
Output
Discharge
Ground
Trigger
Control
Voltage
Threshold
Reset
1
6
5
2
8
4
R
R
R
B
A
R1
R
S
Q
+
-
+
-
7
3
3V555
V
CC
BLOCK DIAGRAM
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
+2.7 to +16
V
TS3V555
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com