Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3V555 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS3V555
Description  3V LOW POWER SINGLE TIMERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS3V555 Datasheet(HTML) 1 Page - STMicroelectronics

  TS3V555 Datasheet HTML 1Page - STMicroelectronics TS3V555 Datasheet HTML 2Page - STMicroelectronics TS3V555 Datasheet HTML 3Page - STMicroelectronics TS3V555 Datasheet HTML 4Page - STMicroelectronics TS3V555 Datasheet HTML 5Page - STMicroelectronics TS3V555 Datasheet HTML 6Page - STMicroelectronics TS3V555 Datasheet HTML 7Page - STMicroelectronics TS3V555 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS3V555
3V LOW POWER SINGLE TIMERS
October 1997
.
DEDICATED TO 3.3V OR BATTERY SUPPLY
(Specified at 3V and 5V)
.
VERY LOW POWER CONSUMPTION :
90
µAat VCC =3V
.
WIDE SINGLE SUPPLY RANGE :
+2.7V to +16V
.
HIGH OUTPUT CURRENT CAPABILITY
.
SUPPLY CURRENT SPIKES REDUCED
DURING OUTPUT TRANSITIONS
.
HIGH INPUT IMPEDANCE : 10
12
.
PIN-TO-PIN AND FUNCTIONALLY COMPAT-
IBLE WITH BIPOLAR NE555 AND CMOS
TS555
.
OUTPUT COMPATIBLE WITH TTL,CMOS
AND LOGIC MOS
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
DESCRIPTION
The TS3V555 with its low consumption (90
µAat
VCC = 3V) is a single CMOS timer dedicated to 3.3V
or battery supply (specified at 3V and 5V) offering
also a high frequency (f(max) 2MHz at VCC =3V and
2.7 MHz at VCC = 5V). Thus, either in monostable
or astable mode, timing remains very accurate.
Timing capacitors can also be minimized due to
high input impedance (10
12 Ω).
1
2
3
4
8
7
6
5
GND
Trigger
Output
Reset
CC
Control
Voltage
V
Discharge
Threshold
PIN CONNECTIONS (top view)
ORDER CODES
Part Number
Temperature
Range
Package
ND
TS3V555I
-40, +125
oC
qq
1/8


Similar Part No. - TS3V555

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V556 STMICROELECTRONICS-TS3V556 Datasheet
63Kb / 8P
3V LOW POWER DUAL TIMERS
May-2000
TS3V556I STMICROELECTRONICS-TS3V556I Datasheet
63Kb / 8P
3V LOW POWER DUAL TIMERS
May-2000
More results

Similar Description - TS3V555

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V556 STMICROELECTRONICS-TS3V556 Datasheet
63Kb / 8P
3V LOW POWER DUAL TIMERS
May-2000
TS555C STMICROELECTRONICS-TS555C Datasheet
84Kb / 12P
LOW POWER SINGLE CMOS TIMERS
Jan-1999
TS556C STMICROELECTRONICS-TS556C Datasheet
98Kb / 11P
LOW POWER DUAL CMOS TIMERS
Oct-1997
logo
Sipex Corporation
SP6828 SIPEX-SP6828 Datasheet
258Kb / 17P
3V Low Power Voltage Inverters
logo
Maxim Integrated Produc...
MAX2451 MAXIM-MAX2451 Datasheet
58Kb / 6P
3V, Ultra-Low-Power Quadrature Demodulator
19-0493; Rev 0; 12/95
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
logo
Sipex Corporation
SP6828 SIPEX-SP6828 Datasheet
258Kb / 17P
3V Low Power Voltage Inverters
logo
Cadeka Microcircuits LL...
CLC1050 CADEKA-CLC1050 Datasheet
2Mb / 17P
Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
LM358 CADEKA-LM358 Datasheet
1Mb / 15P
Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
Rev 1A
logo
Exar Corporation
CLC1050 EXAR-CLC1050 Datasheet
1Mb / 17P
Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com