Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1012AP06 Datasheet(PDF) 7 Page - ON Semiconductor

Part # P1012AP06
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P1012AP06 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button P1012AP06 Datasheet HTML 3Page - ON Semiconductor P1012AP06 Datasheet HTML 4Page - ON Semiconductor P1012AP06 Datasheet HTML 5Page - ON Semiconductor P1012AP06 Datasheet HTML 6Page - ON Semiconductor P1012AP06 Datasheet HTML 7Page - ON Semiconductor P1012AP06 Datasheet HTML 8Page - ON Semiconductor P1012AP06 Datasheet HTML 9Page - ON Semiconductor P1012AP06 Datasheet HTML 10Page - ON Semiconductor P1012AP06 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 9. ILatch, FB = 1.5 V vs. Temperature
7.0
7.2
7.4
7.6
7.8
8.0
8.2
8.4
8.6
8.8
9.0
−40
0
20
40
80
100
120
TEMPERATURE (
°C)
Figure 10. Ipeak−RR, VCC = 8.0 V, FB = 3.5 V
vs. Temperature
350
400
450
500
550
600
−40
0
20
40
60
100
120
TEMPERATURE (
°C)
Figure 11. Frequency vs. Temperature
50
60
70
80
90
100
110
−20
0
20
40
60
100
120
TEMPERATURE (
°C)
100 kHz
65 kHz
Figure 12. ON Resistance vs. Temperature,
NCP1012/1013
0
5
10
15
20
25
−40
0
20
40
80
100
120
TEMPERATURE (
°C)
NCP1014
−20
60
−20
80
−40
80
60
−20
Figure 13. Rup vs. Temperature
16
17
18
19
20
21
22
−20
0
20
40
60
100
120
TEMPERATURE (
°C)
NCP1014
Figure 14. Minimum Start−up Drain Voltage vs.
Temperature
13.75
14.00
14.25
14.50
14.75
15.25
−40
0
20
40
80
100
120
TEMPERATURE (
°C)
−40
80
60
−20
15.00
NCP1012
NCP1010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com