Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1012AP06 Datasheet(PDF) 12 Page - ON Semiconductor

Part # P1012AP06
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P1012AP06 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button P1012AP06 Datasheet HTML 8Page - ON Semiconductor P1012AP06 Datasheet HTML 9Page - ON Semiconductor P1012AP06 Datasheet HTML 10Page - ON Semiconductor P1012AP06 Datasheet HTML 11Page - ON Semiconductor P1012AP06 Datasheet HTML 12Page - ON Semiconductor P1012AP06 Datasheet HTML 13Page - ON Semiconductor P1012AP06 Datasheet HTML 14Page - ON Semiconductor P1012AP06 Datasheet HTML 15Page - ON Semiconductor P1012AP06 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
www.onsemi.com
12
Figure 20. A more detailed view of the NCP101X offers better insight on how to
properly wire an auxiliary winding.
Startup Source
Drain
+
-
−
+
VCCON = 8.5 V
VCCOFF = 7.5 V
+
VCC
Rlimit
+
-
+
I > 7.4m
(Typ.)
+
+
CVcc
Caux
Laux
Ground
+
Vclamp = 8.7 V typ.
Permanent
Latch
D1
Figure 21. The burst frequency becomes so low that it is difficult to keep
an adequate level on the auxiliary VCC . . .
u30 ms
Lowering the Standby Power with Skip−Cycle
Skip−cycle offers an efficient way to reduce the standby
power by skipping unwanted cycles at light loads.
However, the recurrent frequency in skip often enters the
audible range and a high peak current obviously generates
acoustic noise in the transformer. The noise takes its origins
in the resonance of the transformer mechanical structure
which is excited by the skipping pulses. A possible
solution, successfully implemented in the NCP1200 series,
also authorizes skip−cycle but only when the power
demand has dropped below a given level. At this time, the
peak current is reduced and no noise can be heard.
Figure 22 pictures the peak current evolution of the
NCP101X entering standby.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com