Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS8MA2 Datasheet(PDF) 1 Page - Rohm

Part # HS8MA2
Description  30V PchNch Power MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

HS8MA2 Datasheet(HTML) 1 Page - Rohm

  HS8MA2 Datasheet HTML 1Page - Rohm HS8MA2 Datasheet HTML 2Page - Rohm HS8MA2 Datasheet HTML 3Page - Rohm HS8MA2 Datasheet HTML 4Page - Rohm HS8MA2 Datasheet HTML 5Page - Rohm HS8MA2 Datasheet HTML 6Page - Rohm HS8MA2 Datasheet HTML 7Page - Rohm HS8MA2 Datasheet HTML 8Page - Rohm HS8MA2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
HS8MA2
  30V Pch+Nch Power MOSFET
  
Datasheet
l
lOutline
Symbol
Tr1:Pch Tr2:Nch
DFN3333-9DC
 
VDSS
-30V
30V
RDS(on)(Max.)
80mΩ
35mΩ
HSML3333L9
ID
±5.5A
±7.0A
 
PD
4.0W
 
           
l
lFeatures
l
lInner circuit
1) Low on - resistance
2) Small Surface Mount Package
3) Pb-free plating ; RoHS compliant
4) Halogen Free
l
lPackaging specifications
Type
Packing
Embossed
Tape
l
lApplication
Reel size (mm)
180
Switching
Tape width (mm)
12
Motor Drive
Quantity (pcs)
1000
Taping code
TCR1
Marking
HS8MA2
l
lAbsolute maximum ratings (Ta = 25°C ,unless otherwise specified)
Parameter
Symbol
Value
Unit
Tr1:Pch Tr2:Nch
Drain - Source voltage
VDSS
-30
30
V
Continuous drain current
ID*1
±5.5
±7.0
A
Pulsed drain current
IDP*2
±30
±30
A
Gate - Source voltage
VGSS
±20
±20
V
Power dissipation
total
PD*1
4.0
W
PD*3
2.0
Junction temperature
Tj
150
℃
Operating junction and storage temperature range
Tstg
-55 to +150
℃
                                                                                         
www.rohm.com
© 2019 ROHM Co., Ltd. All rights reserved.
1/19
20191011 - Rev.001
 
   
 


Similar Part No. - HS8MA2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS8-10 ETC2-HS8-10 Datasheet
130Kb / 1P
HEX SPACER STANDOFFS
HS8-12 ETC2-HS8-12 Datasheet
130Kb / 1P
HEX SPACER STANDOFFS
HS8-14 ETC2-HS8-14 Datasheet
130Kb / 1P
HEX SPACER STANDOFFS
HS8-16 ETC2-HS8-16 Datasheet
130Kb / 1P
HEX SPACER STANDOFFS
HS8-18 ETC2-HS8-18 Datasheet
130Kb / 1P
HEX SPACER STANDOFFS
More results

Similar Description - HS8MA2

ManufacturerPart #DatasheetDescription
logo
Rohm
HP8MA2 ROHM-HP8MA2 Datasheet
4Mb / 22P
30V NchPch Middle Power MOSFET
UT6MA2 ROHM-UT6MA2 Datasheet
4Mb / 22P
30V NchPch Middle Power MOSFET
SP8J66FRA ROHM-SP8J66FRA Datasheet
2Mb / 15P
-30V Pch Pch Power MOSFET
SP8M4FRA ROHM-SP8M4FRA Datasheet
4Mb / 23P
30V NchPch Power MOSFET
SH8M8 ROHM-SH8M8 Datasheet
4Mb / 22P
30V NchPch Power MOSFET
QH8MA2 ROHM-QH8MA2 Datasheet
4Mb / 20P
30V NchPch Power MOSFET
SP8M5FRA ROHM-SP8M5FRA Datasheet
4Mb / 22P
30V NchPch Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
-30V PchPch Middle Power MOSFET
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
-30V Pch Pch Middle Power MOSFET
SH8MA4 ROHM-SH8MA4 Datasheet
2Mb / 22P
30V NchPch Power MOSFET
20190527 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com