Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS8MA2 Datasheet(PDF) 3 Page - Rohm

Part # HS8MA2
Description  30V PchNch Power MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

HS8MA2 Datasheet(HTML) 3 Page - Rohm

  HS8MA2 Datasheet HTML 1Page - Rohm HS8MA2 Datasheet HTML 2Page - Rohm HS8MA2 Datasheet HTML 3Page - Rohm HS8MA2 Datasheet HTML 4Page - Rohm HS8MA2 Datasheet HTML 5Page - Rohm HS8MA2 Datasheet HTML 6Page - Rohm HS8MA2 Datasheet HTML 7Page - Rohm HS8MA2 Datasheet HTML 8Page - Rohm HS8MA2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
HS8MA2
          
               
Datasheet
l
lElectrical characteristics (Ta = 25°C)
<Tr1>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input capacitance
Ciss
VGS = 0V
-
320
-
pF
Output capacitance
Coss
VDS = -10V
-
68
-
Reverse transfer capacitance
Crss
f = 1MHz
-
54
-
Turn - on delay time
td(on)*4
VDD ⋍ -15V, VGS = -10V
-
7.9
-
ns
Rise time
tr*4
ID = -1.5A
-
16.8
-
Turn - off delay time
td(off)*4
RL = 10Ω
-
27.6
-
Fall time
tf*4
RG = 10Ω
-
8.5
-
<Tr2>
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input capacitance
Ciss
VGS = 0V
-
365
-
pF
Output capacitance
Coss
VDS = 10V
-
62
-
Reverse transfer capacitance
Crss
f = 1MHz
-
50
-
Turn - on delay time
td(on)*4
VDD ⋍ 15V, VGS = 10V
-
7.2
-
ns
Rise time
tr*4
ID = 2.2A
-
8.0
-
Turn - off delay time
td(off)*4
RL = 6.8Ω
-
12.0
-
Fall time
tf*4
RG = 10Ω
-
5.7
-
                                                 
 
                                           
www.rohm.com
© 2019 ROHM Co., Ltd. All rights reserved.
3/19
20191011 - Rev.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com