Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY87702L Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY87702L
Description  3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87702L Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY87702L Datasheet HTML 6Page - Micrel Semiconductor SY87702L Datasheet HTML 7Page - Micrel Semiconductor SY87702L Datasheet HTML 8Page - Micrel Semiconductor SY87702L Datasheet HTML 9Page - Micrel Semiconductor SY87702L Datasheet HTML 10Page - Micrel Semiconductor SY87702L Datasheet HTML 11Page - Micrel Semiconductor SY87702L Datasheet HTML 12Page - Micrel Semiconductor SY87702L Datasheet HTML 13Page - Micrel Semiconductor SY87702L Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SY87702L
10
Micrel, Inc.
M9999-102405
hbwhelp@micrel.com or (408) 955-1690
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
V
IH
Input HIGH Voltage
2.0
——
V
V
IL
Input LOW Voltage
——
0.8
V
I
IH
Input HIGH Current
——
+20
µAV
IN = 2.7V, VCC = Max.
——
+100
µAV
IN = VCC, VCC = Max.
I
IL
Input LOW Current
——
–300
µAV
IN = 0.5V, VCC = Max.
I
OLK
Output Leakage Current
——
500
µAV
OUT = VCC
V
OL
Output LOW Voltage
——
0.5
V
I
OL = 4mA
V
CC = VCCO = VCCA = 3.3V ±5%; GND = GNDA = 0V; TA = –40°C to +85°C
TTL DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
RCLK, TCLK Output Jitter(1)
——
0.010
UI rms
REFCLK Multiplier = 16
Lock Range/Training Range
1000
——
ppm
Acquisition Lock Time
—
15
—
µs
> 25% transition density
RDIN Maximum Data Rate
2.5
——
Gbps
REFCLK Maximum Frequency
——
325
MHz
t
CPWH
REFCLK Pulse Width High
1.2
——
ns
t
CPWL
REFCLK Pulse Width Low
1.2
——
ns
t
IRF
REFCLK Input Rise/Fall Time
——
1.0
ns
(20% to 80%)
t
ODC
Output Duty Cycle (RCLK/TCLK)
45
—
55
% of UI
t
RE
ECL Output Rise/Fall Time
—
200
300
ps
50
Ω to V
CC–2V
t
FE
(20% to 80%)
t
RC
CML Output Rise/Fall Time
—
65
120
ps
No Load
t
FC
(20% to 80%)
t
DV
Data Valid
100
——
ps
t
DH
Data Hold
100
——
ps
V
CC = VCCO = VCCA = 3.3V ±5%; GND = GNDA = 0V; TA = –40°C to +85°C
AC ELECTRICAL CHARACTERISTICS
NOTE:
1. Except at OC-48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com