Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY87702L Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # SY87702L
Description  3.3V 28Mbps-2.5Gbps AnyRate CLOCK AND DATA RECOVERY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY87702L Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button SY87702L Datasheet HTML 6Page - Micrel Semiconductor SY87702L Datasheet HTML 7Page - Micrel Semiconductor SY87702L Datasheet HTML 8Page - Micrel Semiconductor SY87702L Datasheet HTML 9Page - Micrel Semiconductor SY87702L Datasheet HTML 10Page - Micrel Semiconductor SY87702L Datasheet HTML 11Page - Micrel Semiconductor SY87702L Datasheet HTML 12Page - Micrel Semiconductor SY87702L Datasheet HTML 13Page - Micrel Semiconductor SY87702L Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
SY87702L
12
Micrel, Inc.
M9999-102405
hbwhelp@micrel.com or (408) 955-1690
EVALUATION BOARD I/O TERMINATION SCHEMES
TCLKC–
VCC
R26,
100
Ω
C19
1
2
J14
RCLKC–
VCC
R25,
100
Ω
C23
1
2
J10
RDOUTC–
VCC
R29,
100
Ω
C27
1
2
J6
VCC
R37,
125
Ω
C31
1
2
J1
R36,
83
Ω
RDIN+:FORCE
VEE
TCLKC+
VCC
R27,
100
Ω
C20
1
2
J13
RCLKC+
VCC
R24,
100
Ω
C24
1
2
J9
RDOUTC+
VCC
R28,
100
Ω
C28
1
2
J5
RDIN+: SENSE
C32
1
2
J2
TCLKE–
R30,
330
Ω
C21
1
2
J12
VEE
RCLKE–
R32,
330
Ω
C25
1
2
J8
VEE
RDOUTE+
R34,
330
Ω
C29
1
2
J4
VEE
VCC
R39,
125
Ω
C33
1
2
J17
R38,
83
Ω
RDIN–:FORCE
VEE
TCLKE+
R31,
330
Ω
C22
1
2
J11
VEE
RCLKE+
R33,
330
Ω
C26
1
2
J7
VEE
RDOUTE+
R35,
330
Ω
C30
1
2
J3
VEE
RDIN–: SENSE
C34
1
2
J18
TCLK
RCLK
RDOUT
RDIN
OUTPUTS
OUTPUTS
INPUTS
INPUTS
NOTES:
1. For AC coupling, include capacitors C19 thru C31, C33, C35 and C37.
2. If DC coupling, remove resistors R36 thru R43.
3. For 50
Ω CML systems, include resistors R24–R29.
4. For 100
Ω CML systems, see Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com