Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC812C Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC812C
Description  High Noise Resistance Type Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC812C Datasheet(HTML) 3 Page - Sharp Corporation

  PC812C Datasheet HTML 1Page - Sharp Corporation PC812C Datasheet HTML 2Page - Sharp Corporation PC812C Datasheet HTML 3Page - Sharp Corporation PC812C Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PC812
0
0
5
1
10
15
20
25
30
35
40
23456789
10
20mA
10mA
5mA
Fig. 6 Collector Current vs.
Collector-emitter Voltage
Duty ratio
5
5
10 000
10
20
100
50
200
500
1 000
2 000
5 000
2
5
2
5
2
5
Fig. 3 Peak Forward Current vs. Duty Ratio
0
1
500
2
5
10
20
50
400
300
200
100
Forward current I F ( mA )
100
0
50
150
025
50
75
Fig. 7 Relative Current Transfer Ratio vs.
Ambient Temperature
Fig. 5 Current Transfer Ratio vs.
Forward Current
Collector-emitter voltage VCE (V)
Fig. 8 Collector-emitter Saturation Voltage
vs. Ambient Temperature
Ambient temperature T a (˚C)
0
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5
10
20
50
100
200
500
1
Forward voltage VF (V)
Fig. 4 Forward Current vs. Forward Voltage
Pulse width <=100
µs
-30
0
-30
0.02
0
20406080
100
0.04
0.06
0.08
0.10
0.12
0.14
0.16
Ambient temperature T a (˚C)
100
125
50˚C
25˚C
0˚C
- 25˚C
Ta = 75˚C
1
10 -3
10 -2
10 -1
Ta= 25˚C
IF = 30mA
Ta = 25˚C
P C ( MAX.)
VCE =5V
Ta = 25˚C
IF = 5mA
VCE =5V
IF = 20mA
IC = 1mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com