Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC812C Datasheet (PDF) - Sharp Corporation

PC812C Datasheet PDF - Sharp Corporation
Part # PC812C
Download  PC812C Download
File Size   70.35 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Noise Resistance Type Photocoupler

PC812C Datasheet (PDF)

Go To PDF Page Download Datasheet
PC812C Datasheet PDF - Sharp Corporation

Part # PC812C
Download  PC812C Click to download

File Size   70.35 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Noise Resistance Type Photocoupler

PC812C Datasheet (HTML) - Sharp Corporation


PC812C Product details

■ Features
1. High noise reduction
   ( Common mode rejection voltage
   V CM : TYP. 1.5kV at dV/dt= 2kV/µ s,
   R L = 470Ω, V np = 100mV )
2. High current transfer ratio
   ( CTR : MIN. 90% at I F = 5mA, V CE = 5V)
3. High isolation voltage between input and output ( Viso : 5 000V rms )
4. Compact dual-in-line package

■ Applications
1. Motor-control circuits
2. Computer terminals
3. System appliances, measuring instruments
4. Signal transmission between circuits of different potentials and impedances




Similar Part No. - PC812C

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC812 SHARP-PC812 Datasheet
67Kb / 4P
High Noise Resistance Type Photocoupler
More results


Similar Description - PC812C

ManufacturerPart #DatasheetDescription
logo
NEC
PS8602 NEC-PS8602 Datasheet
84Kb / 10P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Sharp Corporation
PC810 SHARP-PC810 Datasheet
67Kb / 4P
High Speed Under High Load Resistance Photocoupler
PC812 SHARP-PC812 Datasheet
67Kb / 4P
High Noise Resistance Type Photocoupler
PC813 SHARP-PC813 Datasheet
91Kb / 5P
AC Input Type & High Noise Reduction Type Photocoupler
S11MD5T SHARP-S11MD5T Datasheet
64Kb / 5P
High Noise-resistance Type Phototriac Coupler
S11MS7 SHARP-S11MS7 Datasheet
41Kb / 3P
High Speed/ High Noise-resistance Type Phototriac Coupler
S21MD3V SHARP-S21MD3V Datasheet
48Kb / 4P
High Noise Resistance Type Phototriac Coupler
PC3Q62 SHARP-PC3Q62 Datasheet
82Kb / 6P
High Resistance to Noise, Half Pitch Photocoupler
logo
California Eastern Labs
PS8602 CEL-PS8602 Datasheet
437Kb / 13P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS8602 RENESAS-PS8602 Datasheet
300Kb / 18P
HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT TYPE 8 PIN PHOTOCOUPLER
April 1st, 2010
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com