Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC810 Datasheet (PDF) - Sharp Corporation

PC810 Datasheet PDF - Sharp Corporation
Part # PC810
Download  PC810 Download
File Size   67.1 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Speed Under High Load Resistance Photocoupler

PC810 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC810 Datasheet PDF - Sharp Corporation

Part # PC810
Download  PC810 Click to download

File Size   67.1 Kbytes
Page   4 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description High Speed Under High Load Resistance Photocoupler

PC810 Datasheet (HTML) - Sharp Corporation


PC810 Product details

■ Features
1. High speed response under high resistance
   load
   ( toff : MAX. 1ms at I F = 1mA, VCC = 5V,
   R L = 110kΩ )
2. High current transfer ratio under low
   input current
   ( CTR : MIN. 60% at I F = 1mA, VCE = 0.4V)
3. High isolation voltage between input and
   output
   ( Viso: 5 000V rms )
4. Compact dual-in-line package
5. Recognized by UL, file No. E64380

■ Applications
1. Solid state relays
2. Motor-control equipment
3. Signal transmission between circuits of
   different potentials and impedances




Similar Part No. - PC810

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC81070100A ETC2-PC81070100A Datasheet
490Kb / 7P
868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF connector foam attachment for assembly
logo
Taoglas antenna solutio...
PC81070100A TAOGLAS-PC81070100A Datasheet
550Kb / 8P
TheStripe 868Mhz PCB Antenna 100mm IPEX 1.13mm diameter MHF Connector
More results


Similar Description - PC810

ManufacturerPart #DatasheetDescription
logo
NEC
PS9601 NEC-PS9601 Datasheet
64Kb / 8P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
Sharp Corporation
6N138 SHARP-6N138 Datasheet
67Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
PC812 SHARP-PC812 Datasheet
67Kb / 4P
High Noise Resistance Type Photocoupler
PC917X SHARP-PC917X Datasheet
59Kb / 4P
High Speed, High CMR OPIC Photocoupler
PC812C SHARP-PC812C Datasheet
70Kb / 4P
High Noise Resistance Type Photocoupler
PC3Q62 SHARP-PC3Q62 Datasheet
82Kb / 6P
High Resistance to Noise, Half Pitch Photocoupler
logo
NEC
PS9601 NEC-PS9601_01 Datasheet
58Kb / 6P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
Sharp Corporation
PC81100NSZ0F SHARP-PC81100NSZ0F Datasheet
234Kb / 14P
DIP 4pin High Speed under High Load Resistance Photocoupler
logo
California Eastern Labs
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com