Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC810 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC810
Description  High Speed Under High Load Resistance Photocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC810 Datasheet(HTML) 3 Page - Sharp Corporation

  PC810 Datasheet HTML 1Page - Sharp Corporation PC810 Datasheet HTML 2Page - Sharp Corporation PC810 Datasheet HTML 3Page - Sharp Corporation PC810 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
0
1
1
234567
89
10
2
3
4
5
6
7
2mA
1mA
0.5mA
8
Fig. 6 Collector Current vs.
Collector-emitter Voltage
0
50
100
150
0
20
40
60
80
100
Ambient Temperature
0
0.02
- 30
0
20
40
60
80
100
0.04
0.06
0.08
0.10
0.12
0.14
0.16
-30
20
0
40
60
80
100
Fig. 9 Collector Dark Current vs.
Ambient Temperature
Collector-emitter voltage V CE (V)
Fig. 7 Relative Current Transfer Ratio vs.
Ambient temperature T a (˚C)
Fig. 8 Collector-emitter Saturation Voltage
vs. Ambient Temperature
Ambient temperature T a (˚C)
Ambient temperature T a (˚C)
0
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
5
10
20
50
100
200
500
1
Forward Voltage
Forward voltage V F (V)
Fig. 4 Forward Current vs.
0.1
0.5
0.2
12
5
240
10
220
200
180
160
0
20
50
60
80
100
120
140
20
40
0.4V
Fig. 5 Current Transfer Ratio vs.
Forward Current
Forward current I F (mA)
-30
PC810
50˚C
25˚C
0˚C
- 25˚C
Ta = 75˚C
Ta = 25˚C
IF = 3mA
10 -13
10 -12
10 -11
10 -10
10 -9
10 -8
10 -7
10 -6
Ta = 25˚C
V CE =5V
IF = 1mA
VCE = 0.4V
IF = 20mA
IC = 1mA
VCE = 20V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com