Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2C01C Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # EC2C01C
Description  VCXO & VHF Band VCO Applications Varactor Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC2C01C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  EC2C01C Datasheet HTML 1Page - Sanyo Semicon Device EC2C01C Datasheet HTML 2Page - Sanyo Semicon Device EC2C01C Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EC2C01C
No.6966-1/3
Features
•
High capacitance ratio. CR(C1.0V / C4.0V)=5.0typ
•
Ultrasmall-sized package(1008), slim package
(0.6mm), leadless package.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
15
V
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Breakdown Voltage
V(BR)R
IR=10µA15
V
Reverse Current
IR
VR=15V
20
nA
Interterminal Capacitance
C1.0V
VR=1.0V, f=1MHz*
18.5
21.5
pF
C4.0V
VR=4.0V, f=1MHz
3.5
4.5
pF
Capacitance Ratio
CR
C1.0V/C4.0V
5.0
Series Resistance
rs
VR=1.0V, f=470MHz
1.4
Ω
* : A signal at 1MHz is 20mVrms.
Marking : Q
VCXO & VHF Band VCO Applications
Varactor Diode
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6966
EC2C01C
Package Dimensions
unit : mm
1308
[EC2C01C]
52501 GI IM TA-3094
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Silicon Diffused-Junction Type
2
1
0.05
0.05
0.8
0.7
(Bottom View)
1 : Anode
2 : Cathode
SANYO : ECSP1008-2


Similar Part No. - EC2C01C

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EC2C01 RSG-EC2C01 Datasheet
725Kb / 1P
5 TO 6 WATT DC-DC CONVERTERS
More results

Similar Description - EC2C01C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS268 TOSHIBA-1SS268 Datasheet
98Kb / 2P
DIODE (VHF TUNER BAND SWITCH APPLICATIONS)
08-May-1997
1SS269 TOSHIBA-1SS269 Datasheet
98Kb / 2P
DIODE (VHF TUNER BAND SWITCH APPLICATIONS)
08-May-1997
1SS312 TOSHIBA-1SS312 Datasheet
94Kb / 2P
DIODE (VHF TUNER BAND SWITCH APPLICATIONS)
08-May-1997
1SS313 TOSHIBA-1SS313 Datasheet
94Kb / 2P
DIODE (VHF TUNER BAND SWITCH APPLICATIONS)
08-May-1997
1SS314 TOSHIBA-1SS314 Datasheet
95Kb / 2P
DIODE (VHF TUNER BAND SWITCH APPLICATIONS)
08-May-1997
1SS381 TOSHIBA-1SS381 Datasheet
88Kb / 2P
DIODE (VHF TUNER BAND SWITCH APPLICATIONS)
30-Mar-1999
1SV305 TOSHIBA-1SV305 Datasheet
91Kb / 2P
VARIABLE CAPACITANCD DIODE (VCO FOR VHF BAND RADIO)
01-Mar-2014
1SV307 TOSHIBA-1SV307 Datasheet
94Kb / 2P
DIODE (VHF TUNER BAND SWITCH APPLICATIONS)
06-May-1997
1SV308 TOSHIBA-1SV308 Datasheet
93Kb / 2P
DIODE (VHF TUNER BAND SWITCH APPLICATIONS)
06-May-1997
logo
Sanyo Semicon Device
SVC224 SANYO-SVC224 Datasheet
19Kb / 3P
Varactor Diode for VCO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com