Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC2C01C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # EC2C01C
Description  VCXO & VHF Band VCO Applications Varactor Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EC2C01C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  EC2C01C Datasheet HTML 1Page - Sanyo Semicon Device EC2C01C Datasheet HTML 2Page - Sanyo Semicon Device EC2C01C Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EC2C01C
No.6966-2/3
Type No. Indication(Top view)
Q
Polarity Mark (Top)
Anode
Cathode
*Electorodes : on the bottom
Polarity Mark (Top)
Anode
Cathode
3
5
10
2
7
3
5
2
7
100
02
13
4
579
68
10
1.0
3
5
1.0
2
7
3
5
2
7
10
02
1
345
7
9
68
10
0.1
Reverse Voltage, VR -- V
C -- VR
IT03094
IT03096
--75
0.90
Ambient Temperature, Ta --
°C
C -- Ta
--50
--25
0
25
50
100
75
125
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
Reverse Voltage, VR -- V
rs -- VR
IT03095
V R
=1.0V
2.5V
4.0V
f=1MHz
VRF=20mVrms
f=1MHz
VRF=20mVrms
f=470MHz
VRF=20mVrms



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com