Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMB250-A1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPMB250-A1
Description  MOTIONBEE™ family acceleration sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMB250-A1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPMB250-A1 Datasheet HTML 2Page - STMicroelectronics SPMB250-A1 Datasheet HTML 3Page - STMicroelectronics SPMB250-A1 Datasheet HTML 4Page - STMicroelectronics SPMB250-A1 Datasheet HTML 5Page - STMicroelectronics SPMB250-A1 Datasheet HTML 6Page - STMicroelectronics SPMB250-A1 Datasheet HTML 7Page - STMicroelectronics SPMB250-A1 Datasheet HTML 8Page - STMicroelectronics SPMB250-A1 Datasheet HTML 9Page - STMicroelectronics SPMB250-A1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
SPMB250-A1
6/18
Doc ID 15179 Rev 2
5
Electrical characteristics
5.1
DC I/O specification
Table 3.
DC input / output specification
Symbol
Parameter
Conditions
Values
Unit
Min
Typ
Max
VIL
Low level input voltage
SW1 (Reset) and SW3
Vin = 4 V
0.6
V
VOL
Low level output voltage
P8 (L1) and P10 (L2)
Vin = 4 V
0.2
V
VOH
High level output voltage
P8 (L1) and P10 (L2)
Vin = 4 V
2.7
3.3
V
IOLed
Vin = 4 V
4
mA
RFin
Input frequency range
2405
2480
MHz
RX sens
Receiver sensitivity
@PER 1 %
-92
dBm
RFout
Output frequency range
2405
2480
MHz
TXpout
Nominal output power
@ 2402 – 2480 MHz
0
dBm
FS
Acceleration sensor
Measurement Range
±1.7
±2.0
g
±5.3
±6.0
g
Dres
Acceleration sensor
Resolution
Full-scale = ±2 g
Output data rate = 40 Hz
1.0
mg
So
Acceleration sensor
Sensitivity
Full-scale = ±2 g
12 bit representation
920
1024
1126
LSb/g
Full-scale = ±6 g
12 bit representation
306
340
374
LSB/g
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com