Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMB250-A1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPMB250-A1
Description  MOTIONBEE™ family acceleration sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPMB250-A1 Datasheet(HTML) 1 Page - STMicroelectronics

  SPMB250-A1 Datasheet HTML 1Page - STMicroelectronics SPMB250-A1 Datasheet HTML 2Page - STMicroelectronics SPMB250-A1 Datasheet HTML 3Page - STMicroelectronics SPMB250-A1 Datasheet HTML 4Page - STMicroelectronics SPMB250-A1 Datasheet HTML 5Page - STMicroelectronics SPMB250-A1 Datasheet HTML 6Page - STMicroelectronics SPMB250-A1 Datasheet HTML 7Page - STMicroelectronics SPMB250-A1 Datasheet HTML 8Page - STMicroelectronics SPMB250-A1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
November 2009
Doc ID 15179 Rev 2
1/18
18
SPMB250-A1
MOTIONBEE™ family acceleration sensor
Features
■ Ready-to-use IEEE 802.15.4 compliant
wireless acceleration sensor
■ Integrated three axis MEMS-based linear
accelerometer
■ Antenna on board
■ No external components required excluding
power supplier
■ Possibility to be programmed via SIF connector
with EMZNET ZigBee® protocol stack and
custom applications
■ Board fixing with screws or pads for SMD
soldering
■ Reset and commissioning push buttons
externally available
■ Power connector and power switch externally
available
■ Two LEDs externally available for connection
check and debugging
■ Board dimensions: 49 x 27 x 5 mm
■ CE / FCC compliant
Description
SPMB250-A1 board is a ready-to-use wireless
acceleration sensor based on an IEEE 802.15.4
compliant radio. It is designed to enable
development of applications for remote motion
monitoring in wireless sensor networks systems.
The board is based on the ZigBee® module
SPZB250 which performs both the RF radio and
controlling functions and the three axis linear
accelerometer sensor LIS3LV02DL.
The ZigBee® module contains the SN250 SoC
integrating a fully compliant 802.15.4 radio
together with a microcontroller that can be used to
elaborate sensor data and networking
functionalities. SN250 can be programmed to run
the EMZNET ZigBee® protocol stack from Ember
Corporation. The module is programmable thanks
to the SIF connector available on the SPZB250
module.
The LIS3LV02DL three axis accelerometer is a
low power low voltage linear accelerometer with
digital output that can operate in the user
selectable range +/-2 g or +/-6 g and with
programmable data rate.
The controller inside SPZB250 module handles
all the networking functions and it can be used to
implement custom procedures to elaborate and
send data collected by the acceleration sensor.
The board is ready-to-use, requiring only an
external power supplier to connect to the
integrated standard two pole connector. A switch
is present in series to the supply connection to
power on / off the board.
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - SPMB250-A1

ManufacturerPart #DatasheetDescription
logo
StarHope
SPMB201M SPSEMI-SPMB201M Datasheet
369Kb / 3P
ADSL MODEM?갌AX?갩EL
More results

Similar Description - SPMB250-A1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SENACC-010 ETC2-SENACC-010 Datasheet
150Kb / 3P
Acceleration Sensor - SENACC
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
Digital, triaxial acceleration sensor
BMA222E ETC2-BMA222E Datasheet
2Mb / 119P
Digital, triaxial acceleration sensor
logo
Bosch Sensortec GmbH
BMA423 BOSCH-BMA423 Datasheet
3Mb / 129P
Digital, triaxial acceleration sensor
BMA455 BOSCH-BMA455 Datasheet
223Kb / 2P
Intelligent, triaxial acceleration sensor
BMA150 BOSCH-BMA150 Datasheet
694Kb / 56P
Digital, triaxial acceleration sensor
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
Digital, triaxial acceleration sensor
BMA222 BOSCH-BMA222 Datasheet
1Mb / 74P
Digital, triaxial acceleration sensor
logo
Pepperl+Fuchs Inc.
ACX04-F99-I-V15 PF-ACX04-F99-I-V15 Datasheet
1Mb / 5P
Acceleration sensor
ACY04-F99-2I-V15 PF-ACY04-F99-2I-V15 Datasheet
1Mb / 5P
Acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com