Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAP57045 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STAP57045
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP57045 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STAP57045 Datasheet HTML 2Page - STMicroelectronics STAP57045 Datasheet HTML 3Page - STMicroelectronics STAP57045 Datasheet HTML 4Page - STMicroelectronics STAP57045 Datasheet HTML 5Page - STMicroelectronics STAP57045 Datasheet HTML 6Page - STMicroelectronics STAP57045 Datasheet HTML 7Page - STMicroelectronics STAP57045 Datasheet HTML 8Page - STMicroelectronics STAP57045 Datasheet HTML 9Page - STMicroelectronics STAP57045 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Typical performance
STAP57045
6/17
4
Typical performance
Figure 3.
Capacitance vs drain voltage
Figure 4.
Drain current vs gate voltage
Figure 5.
Gate-source voltage vs
case temperature
Figure 6.
Safe operating area
0
5
10
15
20
25
30
VDS (V)
1
10
100
1000
C (pF)
Cis s
Co s s
Crs s
f= 1 M H z
2.5
3
3.5
4
4.5
5
VGS, GATE-SOURCE VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
Vds= 10 V
-25
0
25
50
75
Tc, CASE TEMPERATURE (°C)
0.96
0.98
1
1.02
1.04
ID = 1.5 A
ID = 2A
ID = 3A
VDS = 10 V
ID = .25 A
ID = 1 A
1
10
100
Vds (V)
0.1
1
10
Id (A)
Tc = 10 0
C
Tc = 25
C
Tc = 70
C
Tj = 165 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com