Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAP57045 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STAP57045
Description  RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP57045 Datasheet(HTML) 1 Page - STMicroelectronics

  STAP57045 Datasheet HTML 1Page - STMicroelectronics STAP57045 Datasheet HTML 2Page - STMicroelectronics STAP57045 Datasheet HTML 3Page - STMicroelectronics STAP57045 Datasheet HTML 4Page - STMicroelectronics STAP57045 Datasheet HTML 5Page - STMicroelectronics STAP57045 Datasheet HTML 6Page - STMicroelectronics STAP57045 Datasheet HTML 7Page - STMicroelectronics STAP57045 Datasheet HTML 8Page - STMicroelectronics STAP57045 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
March 2009
Rev 1
1/17
17
STAP57045
RF power transistor, LdmoST plastic family
N-channel enhancement-mode lateral MOSFETs
Features
■ Excellent thermal stability
■ Common source configuration
■ POUT = 45 W with 13 dB gain @ 945 MHz / 28 V
■ ST advanced PowerSO-10RF-STAP package
Description
The STAP57045 is a common source N-channel,
enhancement-mode lateral field-effect RF power
transistor. It is designed for high gain, broad band
commercial and industrial applications. It
operates at 28 V in common source mode at
frequencies of up to 1 GHz. STAP57045 boasts
the excellent gain, linearity and reliability of ST’s
latest LDMOS technology mounted in STAP1
plastic RF power package.
STAP package has been specially optimized for
RF needs and offers excellent performances and
ease of assembly.
Mounting recommendations are available in
www.st.com/rf/ (look for application note AN1294)
Figure 1.
Pin connection
STAP1
GATE
DRAIN
SOURCE
www.st.com
Table 1.
Device summary
Order code
Package
Packing
STAP57045
STAP1
Tube


Similar Part No. - STAP57045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAP57060 STMICROELECTRONICS-STAP57060 Datasheet
261Kb / 16P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
12-May-2009
More results

Similar Description - STAP57045

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
29-Apr-2006
PD57018-E STMICROELECTRONICS-PD57018-E Datasheet
560Kb / 28P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Aug-2007
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-May-2007
PD85015-E STMICROELECTRONICS-PD85015-E Datasheet
251Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
06-Jul-2009
PD57060S-E STMICROELECTRONICS-PD57060S-E Datasheet
520Kb / 21P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
03-Jun-2010
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
25-May-2010
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-Jan-2007
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Dec-2015
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
02-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com