Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1703L Datasheet(PDF) 8 Page - STMicroelectronics

Part # D1703L
Description  N-CHANNEL 30V - 0.038Ω - 17A - DPAK STripFET™ II MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D1703L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button D1703L Datasheet HTML 2Page - STMicroelectronics D1703L Datasheet HTML 3Page - STMicroelectronics D1703L Datasheet HTML 4Page - STMicroelectronics D1703L Datasheet HTML 5Page - STMicroelectronics D1703L Datasheet HTML 6Page - STMicroelectronics D1703L Datasheet HTML 7Page - STMicroelectronics D1703L Datasheet HTML 8Page - STMicroelectronics D1703L Datasheet HTML 9Page - STMicroelectronics D1703L Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
STD1703L
8/10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
2.20
2.40
0.087
0.094
A1
0.00
0.127
0.00
0.005
B
1.350
1.650
0.053
0.065
b
0.50
0.70
0.020
0.028
b1
0.70
0.90
0.028
0.035
c
0.430
0.580
0.017
0.023
c1
0.430
0.580
0.017
0.023
D
6.350
6.650
0.250
0.262
D1
5.20
5.40
0.205
0.213
E
5.40
5.70
0.213
0.224
e2.30
0.091
e1
4.50
4.70
0.177
0.185
L
9.50
9.90
0.374
0.390
L1
2.550
2.900
0.10
0.114
L2
1.40
1.780
0.055
0.070
L3
0.35
0.65
0.014
0.026
V
3.80 REF
0.150 REF
TO-252 (DPAK) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com