Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D1703L Datasheet(PDF) 3 Page - STMicroelectronics

Part # D1703L
Description  N-CHANNEL 30V - 0.038Ω - 17A - DPAK STripFET™ II MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

D1703L Datasheet(HTML) 3 Page - STMicroelectronics

  D1703L Datasheet HTML 1Page - STMicroelectronics D1703L Datasheet HTML 2Page - STMicroelectronics D1703L Datasheet HTML 3Page - STMicroelectronics D1703L Datasheet HTML 4Page - STMicroelectronics D1703L Datasheet HTML 5Page - STMicroelectronics D1703L Datasheet HTML 6Page - STMicroelectronics D1703L Datasheet HTML 7Page - STMicroelectronics D1703L Datasheet HTML 8Page - STMicroelectronics D1703L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
STD1703L
Thermal Impedence
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD =15V, ID =8.5A
RG =4.7Ω VGS =4.5V
(see test circuit, Figure 3)
11
ns
tr
Rise Time
100
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD =24V, ID =17A,
VGS =10V
6.5
3.6
2
9nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off-Delay Time
Fall Time
VDD =15V, ID =8.5A,
RG =4.7Ω, VGS =4.5V
(see test circuit, Figure 3)
25
22
ns
ns
tr(off)
tf
tc
Off-voltage Rise Time
Fall Time
Cross-over Time
Vclamp =24V, ID =17A
RG =4.7Ω, VGS =4.5V
(see test circuit, Figure 5)
22
55
75
ns
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
17
A
ISDM (1)
Source-drain Current (pulsed)
68
A
VSD (2)
ForwardOnVoltage
ISD =17A,VGS =0
1.5
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD =17A,di/dt =100A/µs,
VDD =15V, Tj = 150°C
(see test circuit, Figure 5)
30
18
1.2
ns
nC
A
Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com