Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD65N55 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD65N55
Description  N-channel 55V - 8.0mΩ - 65A - DPAK MDmesh™ low voltage Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD65N55 Datasheet(HTML) 3 Page - STMicroelectronics

  STD65N55 Datasheet HTML 1Page - STMicroelectronics STD65N55 Datasheet HTML 2Page - STMicroelectronics STD65N55 Datasheet HTML 3Page - STMicroelectronics STD65N55 Datasheet HTML 4Page - STMicroelectronics STD65N55 Datasheet HTML 5Page - STMicroelectronics STD65N55 Datasheet HTML 6Page - STMicroelectronics STD65N55 Datasheet HTML 7Page - STMicroelectronics STD65N55 Datasheet HTML 8Page - STMicroelectronics STD65N55 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STD65N55
Electrical ratings
3/11
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS=0)
55
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25°C
65
A
ID
Drain current (continuous) at TC = 100°C
46
A
IDM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
260
A
PTOT
Total dissipation at TC = 25°C
110
W
Derating factor
0.73
W/°C
dv/dt (2)
2.
ISD <65A, di/dt <300A/µs, VDD< V(BR)DSS. Tj < Tjmax
Peak diode recovery voltage slope
8
V/ns
EAS
(3)
3.
Starting Tj=25°C, Id=32A, Vdd=40V
Single pulse avalanche energy
390
mJ
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
1.36
°C/W
Rthj-pcb (1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu
Thermal resistance junction-ambient max
50
°C/W
Tl
Maximum lead temperature for soldering purpose
275
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com