Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD65N55 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD65N55
Description  N-channel 55V - 8.0mΩ - 65A - DPAK MDmesh™ low voltage Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD65N55 Datasheet(HTML) 1 Page - STMicroelectronics

  STD65N55 Datasheet HTML 1Page - STMicroelectronics STD65N55 Datasheet HTML 2Page - STMicroelectronics STD65N55 Datasheet HTML 3Page - STMicroelectronics STD65N55 Datasheet HTML 4Page - STMicroelectronics STD65N55 Datasheet HTML 5Page - STMicroelectronics STD65N55 Datasheet HTML 6Page - STMicroelectronics STD65N55 Datasheet HTML 7Page - STMicroelectronics STD65N55 Datasheet HTML 8Page - STMicroelectronics STD65N55 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRELIMINARY DATA
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
July 2006
Rev 2
1/11
11
STD65N55
N-channel 55V - 8.0m
Ω - 65A - DPAK
MDmesh™ low voltage Power MOSFET
General features
■ Standard threshold drive
■ 100% avalanche tested
Description
This N-Channel enhancement mode Power
MOSFET is the latest refinement of
STMicroelectronic unique “Single Feature Size™“
strip-based process with less critical aligment
steps and therefore a remarkable manufacturing
reproducibility. The resulting transistor shows
extremely high packing density for low on-
resistance, rugged avalanche characteristics and
low gate charge.
Applications
■ Switching application
– Automotive
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STD65N55
55V
<10.5m
Ω
65A
110W
DPAK
1
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD65N55
D65N55
DPAK
Tape & reel


Similar Part No. - STD65N55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD65N55F3 STMICROELECTRONICS-STD65N55F3 Datasheet
437Kb / 13P
N-channel 55V - 8.0m ohm - 65A - DPAK STripFET TM Power MOSFET
22-Feb-2007
logo
VBsemi Electronics Co.,...
STD65N55F3 VBSEMI-STD65N55F3 Datasheet
970Kb / 8P
N-Channel 60 V (D-S) 175 째C MOSFET
logo
TECH PUBLIC Electronics...
STD65N55F3-TP TECHPUBLIC-STD65N55F3-TP Datasheet
1Mb / 4P
N-Channel Enhancement Mode MOSFET
logo
STMicroelectronics
STD65N55LF3 STMICROELECTRONICS-STD65N55LF3 Datasheet
804Kb / 13P
N-channel 55 V, 7.0, 80 A DPAK STripFET III Power MOSFET
12-Oct-2010
logo
VBsemi Electronics Co.,...
STD65N55LF3 VBSEMI-STD65N55LF3 Datasheet
998Kb / 8P
N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - STD65N55

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5NM60 STMICROELECTRONICS-STD5NM60 Datasheet
45Kb / 6P
N-CHANNEL 600V - 0.8ohm - 5A DPAK MDmesh Power MOSFET
May-2000
STD60NF55L STMICROELECTRONICS-STD60NF55L Datasheet
455Kb / 9P
N-CHANNEL 55V - 0.012ohm - 60A DPAK STripFET™ II POWER MOSFET
Apr-2002
STB180N55 STMICROELECTRONICS-STB180N55 Datasheet
178Kb / 11P
N-CHANNEL 55V - 2.9m-ohm - 120A - D-2 PAK - TO-220 MDmesh-TM Low Voltage Power MOSFET
03-Jan-2006
STD60N55 STMICROELECTRONICS-STD60N55 Datasheet
216Kb / 12P
N-channel 55V - 8.0m??- 65A - DPAK - IPAK MDmesh??low voltage Power MOSFET
17-Jul-2005
STD65N55F3 STMICROELECTRONICS-STD65N55F3 Datasheet
437Kb / 13P
N-channel 55V - 8.0m ohm - 65A - DPAK STripFET TM Power MOSFET
22-Feb-2007
STD60NF55L STMICROELECTRONICS-STD60NF55L_06 Datasheet
430Kb / 14P
N-channel 55V - 0.012廓 - 60A - DPAK/IPAK STripFET??II Power MOSFET
19-Jul-2006
STD60NF55LA STMICROELECTRONICS-STD60NF55LA Datasheet
324Kb / 14P
N-channel 55V - 0.012Ω - 60A - DPAK STripFET™II Power MOSFET
25-Sep-2006
logo
Taiwan Semiconductor Co...
TSM110N06 TSC-TSM110N06 Datasheet
107Kb / 6P
55V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
DMT3205 DYELEC-DMT3205 Datasheet
2Mb / 7P
55V N-Channel Power MOSFET
logo
STMicroelectronics
STP9NM60 STMICROELECTRONICS-STP9NM60 Datasheet
181Kb / 9P
N-CHANNEL 600V - 0.55Ω - 8.3A TO-220/DPAK/IPAK MDmesh™ Power MOSFET
January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com