Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD65N55LF3 Datasheet (PDF) - STMicroelectronics

STD65N55LF3 Datasheet PDF - STMicroelectronics
Part # STD65N55LF3
Download  STD65N55LF3 Download
File Size   804.26 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 55 V, 7.0, 80 A DPAK STripFET III Power MOSFET

STD65N55LF3 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD65N55LF3 Datasheet PDF - STMicroelectronics

Part # STD65N55LF3
Download  STD65N55LF3 Click to download

File Size   804.26 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 55 V, 7.0, 80 A DPAK STripFET III Power MOSFET

STD65N55LF3 Datasheet (HTML) - STMicroelectronics


STD65N55LF3 Product details

Description
This product is a N-channel enhancement mode Power MOSFET built with STripFET™ III technology which is especially tailored to minimized on-state resistance and gate charge, providing superior switching performance.

Features
■ Low threshold drive
■ 100% avalanche tested

Application
■ Switching applications
■ Automotive




Similar Part No. - STD65N55LF3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD65N55LF3 VBSEMI-STD65N55LF3 Datasheet
998Kb / 8P
N-Channel 60 V (D-S) 175 째C MOSFET
More results


Similar Description - STD65N55LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5 Datasheet
342Kb / 15P
N-channel 25 V - 0.0038 Ω - 80 A - DPAK - IPAK STripFET??V Power MOSFET
20-Feb-2008
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_08 Datasheet
351Kb / 15P
N-channel 25 V, 0.0038 Ω, 80 A - DPAK - IPAK STripFET??V Power MOSFET
23-Sep-2008
STB60N55F3 STMICROELECTRONICS-STB60N55F3_09 Datasheet
630Kb / 20P
N-channel 55 V, 6.5 mΩ, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 TO-220FP STripFET™III Power MOSFET
17-Apr-2009
STD95N4F3 STMICROELECTRONICS-STD95N4F3_09 Datasheet
766Kb / 14P
N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220 STripFET™III Power MOSFET
10-Sep-2009
STD90N4F3 STMICROELECTRONICS-STD90N4F3_09 Datasheet
808Kb / 16P
N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
23-Jul-2009
STD86N3LH5 STMICROELECTRONICS-STD86N3LH5 Datasheet
658Kb / 16P
N-channel 30 V, 0.0045 Ohm , 80 A, DPAK STripFET V Power MOSFET
22-Mar-2011
STD96N3LLH6 STMICROELECTRONICS-STD96N3LLH6 Datasheet
942Kb / 15P
N-channel 30 V, 0.0037 Ω, 80 A, DPAK STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2011
STB95N4F3 STMICROELECTRONICS-STB95N4F3 Datasheet
839Kb / 20P
N-channel 40 V, 5.0, 80 A STripFET III
13-Dec-2011
STD70N6F3 STMICROELECTRONICS-STD70N6F3 Datasheet
629Kb / 1P
N-channel 60 V, 8.0 m, 70 A DPAK STripFET III Power MOSFET
11-Dec-2009
STH200N55F3-2 STMICROELECTRONICS-STH200N55F3-2 Datasheet
483Kb / 11P
N-channel 55 V, 1.8 mΩ, 160 A, H2PAK STripFET™ III Power MOSFET
30-Jul-2009
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com