Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD70N6F3 Datasheet (PDF) - STMicroelectronics

STD70N6F3 Datasheet PDF - STMicroelectronics
Part # STD70N6F3
Download  STD70N6F3 Download
File Size   629.47 Kbytes
Page   1 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 60 V, 8.0 m, 70 A DPAK STripFET III Power MOSFET

STD70N6F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
STD70N6F3 Datasheet PDF - STMicroelectronics

Part # STD70N6F3
Download  STD70N6F3 Click to download

File Size   629.47 Kbytes
Page   1 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 60 V, 8.0 m, 70 A DPAK STripFET III Power MOSFET

STD70N6F3 Datasheet (HTML) - STMicroelectronics




Similar Part No. - STD70N6F3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD70N6F3 VBSEMI-STD70N6F3 Datasheet
989Kb / 7P
N-Channel 60 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STD70N6F3 DOINGTER-STD70N6F3 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced SGT technology
More results


Similar Description - STD70N6F3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD24N06 ONSEMI-NTD24N06 Datasheet
125Kb / 8P
Power MOSFET 60 V, 24 A, N-Channel DPAK
January, 2005 ??Rev. 3
logo
STMicroelectronics
STD36NH02L STMICROELECTRONICS-STD36NH02L Datasheet
766Kb / 13P
N-channel 24V - 0.011ohm - 30A - DPAK STripFET III Power MOSFET
27-Apr-2006
STD95N4F3 STMICROELECTRONICS-STD95N4F3_09 Datasheet
766Kb / 14P
N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220 STripFET™III Power MOSFET
10-Sep-2009
STD90N4F3 STMICROELECTRONICS-STD90N4F3_09 Datasheet
808Kb / 16P
N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
23-Jul-2009
STD12NF06 STMICROELECTRONICS-STD12NF06_09 Datasheet
341Kb / 14P
N-channel 60 V, 0.08廓, 12 A, DPAK, IPAK STripFET??II Power MOSFET
26-Nov-2009
STD55N4F5 STMICROELECTRONICS-STD55N4F5 Datasheet
781Kb / 13P
N-channel 40 V, 7.3 mΩ, 40 A, DPAK STripFET™V Power MOSFET
22-Jun-2010
STD65N55LF3 STMICROELECTRONICS-STD65N55LF3 Datasheet
804Kb / 13P
N-channel 55 V, 7.0, 80 A DPAK STripFET III Power MOSFET
12-Oct-2010
STD140N6F7 STMICROELECTRONICS-STD140N6F7 Datasheet
678Kb / 13P
N-channel 60 V, 3.1 m(ohm) typ., 80 A STripFET F7 Power MOSFET in a DPAK package
01-Apr-2016
logo
ON Semiconductor
NVTYS008N06CL ONSEMI-NVTYS008N06CL Datasheet
380Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 8.0 m, 63 A
May, 2021 ??Rev. 0
logo
STMicroelectronics
STD12NF06LT4 STMICROELECTRONICS-STD12NF06LT4_V01 Datasheet
555Kb / 19P
N-channel 60 V, 70 mΩ typ., 12 A, StripFET™ II Power MOSFET in a DPAK package
09-Aug-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com